Electronic Components Datasheet Search
  English  ▼

X  

SCDR Datasheet(PDF) 14 Page - Neutrik AG

Part # SCDR
Description  Circular Connectors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEUTRIK [Neutrik AG]
Direct Link  https://www.neutrik.us/en-us
Logo NEUTRIK - Neutrik AG

SCDR Datasheet(HTML) 14 Page - Neutrik AG

Back Button SCDR Datasheet HTML 10Page - Neutrik AG SCDR Datasheet HTML 11Page - Neutrik AG SCDR Datasheet HTML 12Page - Neutrik AG SCDR Datasheet HTML 13Page - Neutrik AG SCDR Datasheet HTML 14Page - Neutrik AG SCDR Datasheet HTML 15Page - Neutrik AG SCDR Datasheet HTML 16Page - Neutrik AG SCDR Datasheet HTML 17Page - Neutrik AG SCDR Datasheet HTML 18Page - Neutrik AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
setting standards
14
MSCM12
MRF12
MPF12-H
MPF(M)12-V
MRF(M)12
MSCF(M)12 (+MSRC)
MPF(M)12-H
miniCON
miniCON
miniCON
miniCON – 12 Pole Miniatur e Connectors
• Up to 12 pole miniature connector
• Complete set or modular system
• Push-pull self-locking system
• Precisely machined, rugged all metal design
• Fully loaded male and female receptacles for horizontal or
vertical PCB mount
• Gold plated contacts, crimp or solder, velour chromium
housing
• Special crimp type strain relief establishes an ideal coaxial
connection of the cable shield to the connector shell for best
EMC shielding
• Easy assembly: contact soldering in disassembled condition
avoids awkward wiring of high density contacts
• Interchangeable insert (male-female)
Push Pull locking
Gold solder contacts
Horizontal PCB mount
MMC* (modulares System)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com