Electronic Components Datasheet Search
  English  ▼

X  

SCDR Datasheet(PDF) 18 Page - Neutrik AG

Part # SCDR
Description  Circular Connectors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEUTRIK [Neutrik AG]
Direct Link  https://www.neutrik.us/en-us
Logo NEUTRIK - Neutrik AG

SCDR Datasheet(HTML) 18 Page - Neutrik AG

Back Button SCDR Datasheet HTML 14Page - Neutrik AG SCDR Datasheet HTML 15Page - Neutrik AG SCDR Datasheet HTML 16Page - Neutrik AG SCDR Datasheet HTML 17Page - Neutrik AG SCDR Datasheet HTML 18Page - Neutrik AG SCDR Datasheet HTML 19Page - Neutrik AG SCDR Datasheet HTML 20Page - Neutrik AG SCDR Datasheet HTML 21Page - Neutrik AG SCDR Datasheet HTML 22Page - Neutrik AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
setting standards
18
MPOS-*
Assembly
T ools
T echnical
Data
MPOS-*
DMC crimptool AFM8
acc. M22520/2-01
Modified DMC positioner (K155) Contact
positioner helds contact in position while
crimping.
Crimptool HX-R-BNC
DIE-R-BNC-*
Neutrik® HEX crimptool
Neutrik® dies for various HEX sizes.
Crimping tool HX-CONTACT
neutriCON - Or dering Information Assembly Tools
SR8A
Strain relief
3 – 3.8 mm
HX-R-BNC
DIE-R-BNC-PJ
5.41 mm / IEC 803
SR8B
Strain relief
6 – 7 mm
HX-R-BNC
DIE-R-BNC-PS
7.01 mm / IEC 803
Cable O.D. / Wire
Crimptool
Die/Positioner
HEX-Size/Standard
miniCON - Or dering Information Assembly Tools
MSRC
Crimp ferrule only
4.5 – 6 mm
HX-R-BNC
DIE-R-BNC-PDC*
6.47 mm / IEC 803
MSRC
Crimp ferrule & reduction ferrule 1 3.3 – 4.4 mm
HX-R-BNC
DIE-R-BNC-PDC*
6.47 mm / IEC 803
MSRC
Crimp ferrule & reduction ferrule 2 2.5 – 3.2 mm
HX-R-BNC
DIE-R-BNC-PDC*
6.47 mm / IEC 803
MBC
Female crimp contact
AWG 24 / 0.22 mm2
HX-CONTACT
MPOS-MBC
No. 5 / M22520/2-01
MPC
Male crimp contact
AWG 24 / 0.22 mm2
HX-CONTACT
MPOS-MPC
No. 5 / M22520/2-01
*: DIE-R-BNC-PJ or PS also possible
Cable O.D. / Wire
Crimptool
Die/Positioner
HEX-Size/Standard
Contact and connector assembly
Crimptool



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com