Electronic Components Datasheet Search
  English  ▼

X  

PA340CC Datasheet(PDF) 2 Page - Cirrus Logic

Part # PA340CC
Description  High Voltage Power Operational Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA340CC Datasheet(HTML) 2 Page - Cirrus Logic

  PA340CC Datasheet HTML 1Page - Cirrus Logic PA340CC Datasheet HTML 2Page - Cirrus Logic PA340CC Datasheet HTML 3Page - Cirrus Logic PA340CC Datasheet HTML 4Page - Cirrus Logic PA340CC Datasheet HTML 5Page - Cirrus Logic PA340CC Datasheet HTML 6Page - Cirrus Logic PA340CC Datasheet HTML 7Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PA340
2
PA340U
High voltage considerations should be taken when designing board layouts for the PA340. The PA340 may require a
derate in supply voltage depending on the spacing used for board layout. The 14-mil minimum spacing of the 7-pin
DDPAK is adequate to standoff the 350V rating of the PA340. However, a supply voltage derate to 250V is required
if the spacing of circuit board artwork is less than 11 mils.
The metal tab of the PA340CC package is directly tied to -Vs.
TYPICAL APPLICATION
DDPAK
PKG. STYLE CC
FIGURE 2. External Connections.
PA340CC
PA340CX
A
A
1
1
For C
C values, see graph on page 4.
Note: C
C must be rated for full supply voltage.
A1
PA340
A2
PA340
20R
PIEZO
TRANSDUCER
20R
RN
20R
CN
R
VIN
–175
+175
–175
+175
10pF
10pF
LOW COST 660V p-p
PIEZO DRIVER
CC
CC
FIGURE 3. Low Cost 660V
P-P Piezo Driver
Ref: APPLICATION NOTE 20: "Bridge Mode Operation of Power Amplifiers"
Two PA340 amplifiers operated as a bridge driver for a piezo transducer provides a low cost 660 volt total drive
capability. The R
N CN network serves to raise the apparent gain of A2 at high frequencies. If RN is set equal to R the
amplifiers can be compensated identically and will have matching bandwidths.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com