Electronic Components Datasheet Search
  English  ▼

X  

PA340CC Datasheet(PDF) 5 Page - Cirrus Logic

Part # PA340CC
Description  High Voltage Power Operational Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA340CC Datasheet(HTML) 5 Page - Cirrus Logic

  PA340CC Datasheet HTML 1Page - Cirrus Logic PA340CC Datasheet HTML 2Page - Cirrus Logic PA340CC Datasheet HTML 3Page - Cirrus Logic PA340CC Datasheet HTML 4Page - Cirrus Logic PA340CC Datasheet HTML 5Page - Cirrus Logic PA340CC Datasheet HTML 6Page - Cirrus Logic PA340CC Datasheet HTML 7Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
PA340
PA340U
5
40
50
60
70
80
90
100
FREQUENCY, F (Hz)
POWER SUPPLY REJECTION
10
100K
10K
1K
100
POSITIVE
NEGATIVE
0
20
40
60
80
100
120
FREQUENCY, F (Hz)
COMMON MODE REJECTION
10
100K
10K
1K
100
96
98
100
102
20 60 100 140 180 220 260 300 340
TOTAL SUPPLY VOLTAGE, (V)
QUIESCENT CURRENT
-40°C
25°C
125°C
0
10
20
30
5 15 25 35 45 55 65 75 85
COMPENSATION CAPACITANCE, CC (pF)
SLEW RATE
RISE
FALL
FREQUENCY, F (Hz)
HARMONIC DISTORTION
30VP-P
60VP-P
180VP-P
A V = 20
C C = 15pF
R L = 2K
0.001
10
1
0.1
0.01
100
100K
10K
1K
10
100
1000
10K
100K
1M
FREQUENCY, F (Hz)
POWER RESPONSE
33pF
2.2pF
6.8pF
15pF
68pF
-180
-170
-160
-150
-140
-130
-120
-110
-100
-90
10K
100K
1M
10M
FREQUENCY, F (Hz)
PHASE RESPONSE
2.2pF
68pF
6.8pF
15pF
0.75pF
-80
-20
0
20
40
60
80
100
FREQUENCY, F (Hz)
SMALL SIGNAL RESPONSE
0.75pF
68pF
15pF
6.8pF
2.2pF
10
10M
1M
100K
10K
1K
100
0.1
1
10
100
10
1
GAIN
GAIN AND COMPENSATION
0.1
125°C
85°C
55°C
25°C
0
5
10
15
20
25
30
0
20
40
60
80 100 120
OUTPUT CURRENT, IO (mA)
OUTPUT VOLTAGE SWING
VDROP-@27°C
VDROP+@27°C
VDROP-@85°C
VDROP+@85°C
0
25
50
75
100
125
TEMPERATURE, T (°C)
0
2
4
POWER DERATING
10
6
8
16
12
14
2. TYPICAL PERFORMANCE GRAPHS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com