Electronic Components Datasheet Search
  English  ▼

X  

710202 Datasheet(PDF) 2 Page - PCTEL, Inc.

Part # 710202
Description  Smarteq™ SmartDisc™ Combi
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.

710202 Datasheet(HTML) 2 Page - PCTEL, Inc.

  710202 Datasheet HTML 1Page - PCTEL, Inc. 710202 Datasheet HTML 2Page - PCTEL, Inc. 710202 Datasheet HTML 3Page - PCTEL, Inc. 710202 Datasheet HTML 4Page - PCTEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Smarteq™ SmartDisc™ Combi Antenna
Comination Antennas - Cellular + GPS
The Smareteq™ SmartDisc™ Combi is versatile, low-profile antenna with durable design. The
antenna is ground plane independent enabling flexible and easy installation.
Features
• Cellular: 790-960MHz and 1710-2690MHz
• GPS: 1575.42MHz
• Discreet design with center screw installation
• IP67 class
• Cable approved acc ECE-R118
• Designed in Sweden with Patented technology
Applications
• Off-Highway Vehicle (OHV)
• ECU/Gateway
• M2M
• Public Safety
• Smart Metering
• Smart City
• EV-chargers
• Vending machines
• Parking meters
Certifications
> pctel.com/antenna-products
SPECIFICATIONS
DATASHEET ID 550 028 U
Smarteq, based in Stockholm, Sweden, is a leading developer of
antennas and antenna systems for increased availability.
Smarteq aims towards the market segments industry, energy and
vehicles.
smarteq.com info@smarteq.com +46 8 792 92 00
Other
This part is RoHS compliant.
Part number
Color
Installation
type
Cable
length (m)
Connector
type
710213
Black
Std screw
0,5
SMA(m)
710214
White
Std screw
0,5
SMA(m)
710215
Black
Adhesive tape
0,5
SMA(m)
710218
White
Adhesive tape
0,5
SMA(m)
710211 /
707201
Black
Std screw
2,5
SMA(m)
710212
White
Std screw
2,5
SMA(m)
710221
Black
Adhesive tape
2,5
SMA(m)
710219
White
Adhesive tape
2,5
SMA(m)
710237
Black
Std screw
5,0
SMA(m)
710216
Black
Std screw
2,5
FME(f)
710232
Black
Long screw
2,5
SMA(m)
710279
White
Std screw
0,5
N-type (f)
710425
White
Long screw
2,5
SMA (m)
710201
Black
Std screw
1,0
Fakra (f)
Other cable lengths and connectors are available upon request.
Accessories
707154
White angled bracket
201411
Vertical bracket
Smarteq reserves the right to change specifications without prior notice.
Vertical bracket
Angled bracket
Hole mount
707154 – Optional white
angled mounting bracket
2
DATASHEET ID 550 071 P



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com