Electronic Components Datasheet Search
  English  ▼

X  

710202 Datasheet(PDF) 3 Page - PCTEL, Inc.

Part # 710202
Description  Smarteq™ SmartDisc™ Combi
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.

710202 Datasheet(HTML) 3 Page - PCTEL, Inc.

  710202 Datasheet HTML 1Page - PCTEL, Inc. 710202 Datasheet HTML 2Page - PCTEL, Inc. 710202 Datasheet HTML 3Page - PCTEL, Inc. 710202 Datasheet HTML 4Page - PCTEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Smarteq™ SmartDisc™ Combi Antenna
Comination Antennas - Cellular + GPS
> pctel.com/antenna-products
SPECIFICATIONS
Standard Configurations
Cable Length / Type
Connector Type
Part Number
Cable Color Installation Type
Cellular
GPS
Cellular
GPS
710027
Black
Long screw
0.2m / RG316
0.3m / RG316
FME(m)
SMA(m)
710112
Black
Standard screw
3.5m / LL58
3.5m / RG316
FAKRA(f)
FAKRA(f)
710148
Black
Standard screw
0.25m / RG316 LSOH
0.25m / RG316 LSOH
MCX(m) angle
MCX(m) angle
710161
Black
Standard screw
3.0m / RG316
3.0m / RG316
SMA(m)
SMA(m)
710202
Black
Standard screw
0.5m / LL58
0.5m / RG316
FAKRA(f)
FAKRA(f)
SDB-02-04-01-07S
Black
Standard screw
0.2m / RG316
0.3m / RG316
FME(m)
SMA(m)
SDW-02-04-01-07S
White
Standard screw
0.2m / RG316
0.3m / RG316
FME(m)
SMA(m)
Electrical Specifications
Cellular
GPS
Frequency Ranges
790-960MHz / 1710-2690MHz
1575.42MHz
Impedance
50Ω
50Ω
Polarization
Vertical
RHCP
VSWR
3:1
1.5:1
Gain
790-960MHz: 2.15dBi
1710-2690MHz: 3.15dBi
GPS Passive: 5dBic @ zenith
GPS Active: 27dB
Max. Power
10W
10W
Supply Voltage
3.3-5V
3.3-5V
Mechanical and Environmental Specifications (All Models)
Physical
Dimensions (D x H)
96 x 26mm
Weight
~190g
Installation*
Hole mount with center screw
• Standard screw: Material thickness ≤ 3.5mm
• Long screw: Material thickness ≤ 23.5mm
Hole dimension Ø19mm
Min. installation radius 1000mm
*Installation type is defined by part number according to the table below.
Cable
Cable type and length is defined by part number according to table below.
Connector
Connector type is defined by part number according to the table to below.
Material
PC/PBT/Aluminum alloy
Housing Color
Black or White
Accessories
707154 – White angled bracket
Operating / Storage Temperature
-40°C to +85°C
Certifications
RoHS compliant; Certified according to 2014/53/EU Radio Equipment Directive (RED)
IP Class
IP67
DATASHEET ID 550 071 P



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com