Electronic Components Datasheet Search
  English  ▼

X  

710102 Datasheet(PDF) 2 Page - PCTEL, Inc.

Part # 710102
Description  Smarteq™ Terminal 1/4-Wave ISM Band Antenna
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.

710102 Datasheet(HTML) 2 Page - PCTEL, Inc.

  710102 Datasheet HTML 1Page - PCTEL, Inc. 710102 Datasheet HTML 2Page - PCTEL, Inc. 710102 Datasheet HTML 3Page - PCTEL, Inc. 710102 Datasheet HTML 4Page - PCTEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Smarteq™ Terminal 1/4-Wave ISM Band Antenna
ISM/LoRa/LPWAN Antennas – Terminal
The Smarteq™ quarter wave ISM band antenna with type N-male connector is designed for use on
devices for communication, such as M2M on the 315MHz frequency band.
Applications
• In-Building and Enterprise Wireless
• Industrial IoT
• Industrial Kitchens
• Smart Cities
Features
• Terminal antenna 1/4-wave, N-male
• Operating system: ISM
• Frequency: 314-316MHz
• Gain: 2.15dBi
• Color: Black
Certifications
> pctel.com/antenna-products
SPECIFICATIONS
2
DATASHEET ID 550 089 E
Smarteq, based in Stockholm, Sweden, is a leading developer
of antennas and antenna systems for increased availability.
Smarteq aims towards the market segments industry, energy
and vehicles.
smarteq.com info@smarteq.com +46 8 792 92 00
710102
Terminal 315 MHz antenna
The 710102 is a ¼-vawe, terminal antenna for use on devices
for communication such as M2M. Developed for use in the
315 MHz band.
Specifications
Electrical
Frequency
314 – 316 MHz
Max power
10 W
Gain
2,15 dBi
Impedance
Nominal 50Ω
Polarization
Linear vertical
VSWR
2,5:1
Mechanical
DIMENSIONS
See drawing
175 (height mm)
Weight
47 g
Cable
Without cable
Connector
N (m)
Color
Black
Environmental
Temperature
Operation -40°C to +85°C
Storage -40°C to +85°C
Waterproof Class
UV- Protection
IP 65
According to ASTM-D1148
Other
Terminal antenna, spec values measured on a
reference ground plane.
All version RoHS compliant
Part number
710102
Smarteq reserves the right to change specifications without prior notice.
DATASHEET ID 550 089 F



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com