Electronic Components Datasheet Search
  English  ▼

X  

710102 Datasheet(PDF) 3 Page - PCTEL, Inc.

Part # 710102
Description  Smarteq™ Terminal 1/4-Wave ISM Band Antenna
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.

710102 Datasheet(HTML) 3 Page - PCTEL, Inc.

  710102 Datasheet HTML 1Page - PCTEL, Inc. 710102 Datasheet HTML 2Page - PCTEL, Inc. 710102 Datasheet HTML 3Page - PCTEL, Inc. 710102 Datasheet HTML 4Page - PCTEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Smarteq™ Terminal 1/4-Wave
ISM Band Antenna
ISM/LoRa/LPWAN Antennas – Terminal
> pctel.com/antenna-products
SPECIFICATIONS
Standard Configurations
Part Number
Connector Type
710102
N-male
Electrical Specifications
Frequency Ranges
314-316 MHz
VSWR
< 2.5:1
Gain
2.15dBi
Nominal Impedance
50Ω
Polarization
Linear vertical
Max. Power
10W
Terminal antenna, spec values measured on a reference ground plane.
Mechanical and Environmental Specifications
Dimensions
See drawing.
175 mm (height)
Weight
47g
Connector
N-male
Cable
Without cable
Color
Black
Operating / Storage Temperature
-40°C to +85°C
Certifications
RoHS compliant
Ingress Protection
IP65
UV- Protection
ASTM-D1148
Certifications
RoHS compliant
DATASHEET ID 550 089 F



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com