Electronic Components Datasheet Search
  English  ▼

X  

710367 Datasheet(PDF) 2 Page - PCTEL, Inc.

Part # 710367
Description  Smarteq™ TRA900 Dual-Band Rubber Antenna
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.

710367 Datasheet(HTML) 2 Page - PCTEL, Inc.

  710367 Datasheet HTML 1Page - PCTEL, Inc. 710367 Datasheet HTML 2Page - PCTEL, Inc. 710367 Datasheet HTML 3Page - PCTEL, Inc. 710367 Datasheet HTML 4Page - PCTEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Smarteq™ TRA900 Dual-Band Rubber Antenna
LTE450/LMR/TETRA/P25 Antennas
The Smarteq™ TRA900 is a rubber antenna designed to be used for M2M and Smart Metering
applications, where a rugged antenna is preferred. Can be pushed through a hole in metal
cabinets or in sheet metal. For hole dimension Ø16mm or Ø20mm with adapter ring.
Applications
• M2M
• Smart Metering
Features
• Frequency: Dual band antenna – 900/1800MHz
• Gain: 1 dBi
Certifications
> pctel.com/antenna-products
SPECIFICATIONS
2
550 087 F
Smarteq, based in Stockholm, Sweden, is a leading developer
of antennas and antenna systems for increased availability.
Smarteq aims towards the market segments industry, energy
and vehicles.
smarteq.com info@smarteq.com +46 8 792 92 00
TRA450
Terminal Antenna
TRA450 is a rubber antenna, designed to be used for M2M and
Smart Metering applications, where a rugged antenna is
preferred.
▪ 430-470MHz
▪ To be pushed through a hole in metal cabinets or in sheet
metal
▪ For hole dimension Ø16mm or Ø20mm with adapter ring
Specifications
Electrical
Frequency
430-470MHz
Impedance
50Ω
Polarization
Vertical
VSWR
<2:1
Gain
-2dBi
Max power
10W
Mechanical
Dimension (D x H)
21 x 100mm
Cable
2.5m, RG316, Grey
Other cable lenghts available upon request.
Connector
MCX(m)
Other connectors available upon request.
Weight
~40g
Material
PCB: 1.6mm FR-4
Color
Black
IP class
IP44
Temperature
Operating/Storage
-40°C to +85°C
Other
This part is RoHS compliant.
Part numbers
710062
Smarteq reserves the right to change specifications without prior notice.
DATASHEET ID 550 074 G



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com