Electronic Components Datasheet Search
  English  ▼

X  

710367 Datasheet(PDF) 3 Page - PCTEL, Inc.

Part # 710367
Description  Smarteq™ TRA900 Dual-Band Rubber Antenna
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.

710367 Datasheet(HTML) 3 Page - PCTEL, Inc.

  710367 Datasheet HTML 1Page - PCTEL, Inc. 710367 Datasheet HTML 2Page - PCTEL, Inc. 710367 Datasheet HTML 3Page - PCTEL, Inc. 710367 Datasheet HTML 4Page - PCTEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Smarteq™ TRA900 Dual-Band
Rubber Antenna
LTE450/LMR/TETRA/P25 Antennas
> pctel.com/antenna-products
SPECIFICATIONS
Standard Configurations
Part Number
Cable Type
Cable Length
Connector
Color
710367
RG316
2.5 m
MCX-m angle
Black
710397
RG316
1 m
MCX-m angle
Black
710571
RG316
1.5 m
MCX-m angle
Black
Electrical Specifications – All Models
Frequency Ranges
900/1800MHz
VSWR
<1.5:1
Gain
1 dBi
Nominal Impedance
50Ω
Polarization
Linear, vertical
Max. Power
10W
Terminal antenna, spec values measured on a reference ground plane.
Mechanical and Environmental Specifications – All Models
Dimensions (D x H)
~Ø21 x 100mm tapered
Weight
~40g
Material
PCB: 1.6mm FR-4
Operating / Storage Temperature
-40°C to +85°C
IP Class
IP44
Certifications
RoHS compliant
UL Certified: Flammability tested according to EN45545:2013
DATASHEET ID 550 074 G



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com