Electronic Components Datasheet Search
  English  ▼

X  

MA1505 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MA1505
Description  RS232-to-Wiegand Bidirectional Dual Wiegand Port Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MA1505 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MA1505 Datasheet HTML 1Page - List of Unclassifed Manufacturers MA1505 Datasheet HTML 2Page - List of Unclassifed Manufacturers MA1505 Datasheet HTML 3Page - List of Unclassifed Manufacturers MA1505 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RS232-to-Wiegand Bidirectional Dual Wiegand Port
Converter (MA1505)
January 2006
Copyright © 2006 MaCaPS, Inc.
http://www.macapsinc.com
Page 3 of 4
2.1
Connector K1
D1:
Wiegand Data 1 (Wiegand In Port)
D0:
Wiegand Data 0 (Wiegand In Port)
R:
Wiegand Data 1 (Wiegand Out Port)
G:
Wiegand Data 0 (Wiegand Out Port)
GND:
Ground
5V:
5V DC output
12V:
12V DC output
+:
Power Supply +12V In
-:
Power Supply Ground
2.2
DB 9 Male
1.
DCD Unused
2.
TX data from converter
3.
RX data from terminal
4.
DTR Unused
5.
Ground
6.
DSR Unused
7.
RTS Unused
8.
CTS Unused



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com