Electronic Components Datasheet Search
  English  ▼

X  

MA1505 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MA1505
Description  RS232-to-Wiegand Bidirectional Dual Wiegand Port Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MA1505 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MA1505 Datasheet HTML 1Page - List of Unclassifed Manufacturers MA1505 Datasheet HTML 2Page - List of Unclassifed Manufacturers MA1505 Datasheet HTML 3Page - List of Unclassifed Manufacturers MA1505 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RS232-to-Wiegand Bidirectional Dual Wiegand Port
Converter (MA1505)
January 2006
Copyright © 2006 MaCaPS, Inc.
http://www.macapsinc.com
Page 1 of 4
RS232-to-Wiegand Bidirectional Dual
Wiegand Port Converter (MA1505)
MaCaPS MA1505 is a RS232-to-Wiegand
Bidirectional Dual Wiegand Port converter.
The converter can automatically convert
Wiegand input from 3-bit up to 42-bit to a
formatted ASCII string. When the formatted
ASCII string is used as input to the RS232
port of another MA1405 unit, the formatted
ASCII string is reconverted to Wiegand
format output.
1
Specification:
1.1
Communications:
9600 BPS ASYNC, 8 bits, 1 Stop, No Parity.
1.2
Wiegand Input/Output Format
The format of the Wiegand bit stream is shown as follows:


Similar Part No. - MA1505

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA150 PANASONIC-MA150 Datasheet
50Kb / 2P
Silicon epitaxial planar type
logo
Extech Instruments Corp...
MA150 EXTECH-MA150 Datasheet
210Kb / 7P
200A AC Mini Clamp-on Meter
logo
SHENZHEN YONGERJIA INDU...
MA150 WINNERJOIN-MA150 Datasheet
93Kb / 1P
Fast Switching Rectifiers
logo
Extech Instruments Corp...
MA1500 EXTECH-MA1500 Datasheet
470Kb / 1P
1500A True RMS AC/DC Clamp Meter NCV
logo
MicroPower Direct, LLC
MA1500RU MPD-MA1500RU Datasheet
347Kb / 3P
4:1 Input Range, 15W Single & Dual Output DC/DC Con vert ers
More results

Similar Description - MA1505

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CVT-2240 CYPRESS-CVT-2240 Datasheet
14Kb / 3P
Wiegand -> ASCII Converter
logo
List of Unclassifed Man...
USBRS232 ETC-USBRS232 Datasheet
22Kb / 1P
USB TO RS232
MA1405 ETC2-MA1405 Datasheet
213Kb / 4P
Wiegand-to-RS232 Converter
logo
Future Technology Devic...
UC232R FTDI-UC232R Datasheet
463Kb / 10P
?쏞hiPi??Minimum Component FT232RL USB to RS232 Converter Cable
logo
Nanjing Ouzhuo Technolo...
OHWG OHHALLSENSOR-OHWG Datasheet
219Kb / 5P
OHWG Series Wiegand sensor
logo
PHOENIX CONTACT
2744461 PHOENIX-2744461 Datasheet
875Kb / 14P
Interface converter - PSM-ME-RS232/RS232-P
Dec 2, 2022
logo
Coolgear Inc.
CG-4X232FTDI COOLGEAR-CG-4X232FTDI Datasheet
120Kb / 2P
4-port USB to RS232 Adapter FTDI Cable
logo
Black Box Registered Tr...
US-735 BLACKBOX-US-735 Datasheet
1Mb / 4P
USB-C to 1 Port RS232 Industrial USB to Serial Adaptor
US-757 BLACKBOX-US-757 Datasheet
1Mb / 4P
USB-C to 2 Port RS232 Serial Server Hub
US-759 BLACKBOX-US-759 Datasheet
1Mb / 4P
USB-C to 1 Port RS232 Industrial Isolated USB to Serial
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com