Electronic Components Datasheet Search
  English  ▼

X  

MBR0530 Datasheet(PDF) 2 Page - International Rectifier

Part # MBR0530
Description  SCHOTTKY DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MBR0530 Datasheet(HTML) 2 Page - International Rectifier

  MBR0530 Datasheet HTML 1Page - International Rectifier MBR0530 Datasheet HTML 2Page - International Rectifier MBR0530 Datasheet HTML 3Page - International Rectifier MBR0530 Datasheet HTML 4Page - International Rectifier MBR0530 Datasheet HTML 5Page - International Rectifier MBR0530 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MBR0530PbF
Bulletin PD-21119 rev. A 08/06
2
www.irf.com
Part number
Value
V
R
Max. DC Reverse Voltage (V)
V
RWM Max. Working Peak Reverse Voltage (V)
30
Voltage Ratings
I
F
Forward Current
0.5
A
DC, T
L = 126°C
I
FSM
Max.PeakOneCycleNon-Repetitive
75
A
5μs Sine or 3μs Rect. pulse
Surge Current, @ T
J = 25°C
10
A
10msSineor6msRect. pulse
Parameters
Value Units
Conditions
Absolute Maximum Ratings
Following any rated
load condition and
with rated V
RRM applied
T
J
Max.Junction Temperature Range(*)
- 65 to 150
°C
T
stg
Max. Storage Temperature Range
- 65 to 150
°C
R
thJL Max. Thermal Resistance Junction
150
°C/W Mounted on PC board FR4 with minimum pad size
to Lead
R
th(j-a) Max. Thermal Resistance Junction
200
°C/W 1 inch square pad size (1 x 0.5 inch for each lead) on
to Ambient
FR4 board
Wt
Approximate Weight
0.012
gr
Case Style
SOD123
Device Marking
BYWLC
Thermal-Mechanical Specifications
Parameters
Value
Units
Conditions
V
FM
Max. Forward Voltage Drop
(1)
0.375
V
@ 0.1A
T
J = 25°C
0.430
V
@ 0.5A
V
FM
Max. Forward Voltage Drop
(1)
0.250
V
@ 0.1A
T
J =
125 °C
0.350
V
@ 0.5A
I
RM
Max. Reverse Leakage
(1)
20
μAV
R = 15V
T
J = 25°C
Current
130
μAV
R = 30V
C
T
Max. Junction Capacitance
90
pF
V
R = 5VDC (test signal range 100KHz to 1Mhz), TJ = 25°C
dv/dt Max. Voltage Rate of Change
10000
V/μs
(Rated VR)
Electrical Specifications
Parameters
Value
Units
Conditions
(1) Pulse Width < 300μs, Duty Cycle < 2%
(*) dPtot
1
dTj
Rth( j-a)
<
thermal runaway condition for a diode on its own heatsink



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com