Electronic Components Datasheet Search
  English  ▼

X  

MBR0530 Datasheet(PDF) 5 Page - International Rectifier

Part # MBR0530
Description  SCHOTTKY DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MBR0530 Datasheet(HTML) 5 Page - International Rectifier

  MBR0530 Datasheet HTML 1Page - International Rectifier MBR0530 Datasheet HTML 2Page - International Rectifier MBR0530 Datasheet HTML 3Page - International Rectifier MBR0530 Datasheet HTML 4Page - International Rectifier MBR0530 Datasheet HTML 5Page - International Rectifier MBR0530 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MBR0530PbF
Bulletin PD-21119 rev. A 08/06
5
www.irf.com
Outline Table
SOD123
Ordering Information Table
Device
Package
Marking
Base qty
Delivery mode
MBR0530
SOD-123
BYWLC
3000
Tape & Reel
Tape & Reel Information
Dimensions in millimeters
B
L
K
J
A
1
2
C
α
SOLDERING PAD
DIM
Millimeters
Inches
Min
Max
Min
Max
A
0.55
0.70
0.022
0.028
B
1.40
1.70
0.055
0.067
C
3.55
3.85
0.140
0.152
H
2.55
2.85
0.100
0.112
J
-
0.10
-
0.004
K
0.95
1.35
0.037
0.053
L
-
0.5
-
0.02
M
-
0.15
-
0.006
α
8°
8°
C
4.19 mm
0.165"
2.36 mm
0.093"
1.22 mm
0.048"
0.91 mm
0.036"
2
1
(A)
(K)
cathode band



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com