Electronic Components Datasheet Search
  English  ▼

X  

PHT4NQ10LT Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PHT4NQ10LT
Description  N-channel enhancement mode field-effect transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHT4NQ10LT Datasheet(HTML) 1 Page - NXP Semiconductors

  PHT4NQ10LT Datasheet HTML 1Page - NXP Semiconductors PHT4NQ10LT Datasheet HTML 2Page - NXP Semiconductors PHT4NQ10LT Datasheet HTML 3Page - NXP Semiconductors PHT4NQ10LT Datasheet HTML 4Page - NXP Semiconductors PHT4NQ10LT Datasheet HTML 5Page - NXP Semiconductors PHT4NQ10LT Datasheet HTML 6Page - NXP Semiconductors PHT4NQ10LT Datasheet HTML 7Page - NXP Semiconductors PHT4NQ10LT Datasheet HTML 8Page - NXP Semiconductors PHT4NQ10LT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
PHT4NQ10LT
N-channel enhancement mode field-effect transistor
Rev. 01 — 11 September 2000
Product specification
c
c
M3D087
1.
Description
N-channel enhancement mode field-effect transistor in a plastic package using
TrenchMOS™1 technology.
Product availability:
PHT4NQ10LT in SOT223.
2.
Features
s TrenchMOS™ technology
s Fast switching
s Low on-state resistance
s Surface mount package
s Logic level compatible.
3.
Applications
s Primary side switch in DC to DC convertors
s High speed driver
s Fast general purpose switch.
4.
Pinning information
1.
TrenchMOS is a trademark of Royal Philips Electronics
Table 1:
Pinning - SOT223, simplified outline and symbol
Pin
Description
Simplified outline
Symbol
1
gate (g)
SOT223
2
drain (d)
3
source (s)
4
drain (d)
4
123
MSB002 - 1
Top view
s
d
g
MBB076


Similar Part No. - PHT4NQ10LT

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
PHT4NQ10LT VBSEMI-PHT4NQ10LT Datasheet
977Kb / 6P
N-Channel 100-V (D-S) MOSFET
logo
Nexperia B.V. All right...
PHT4NQ10LT NEXPERIA-PHT4NQ10LT Datasheet
440Kb / 14P
N-channel TrenchMOS logic level FET
Rev. 2 - 28 October 2011
logo
NXP Semiconductors
PHT4NQ10LT-135 NXP-PHT4NQ10LT-135 Datasheet
184Kb / 13P
N-channel TrenchMOS logic level FET
Rev. 2-28 October 2011
More results

Similar Description - PHT4NQ10LT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD83N03LT PHILIPS-PHD83N03LT Datasheet
282Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
PHP112N06T PHILIPS-PHP112N06T Datasheet
262Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-07 March 2001
PHP47NQ10T PHILIPS-PHP47NQ10T Datasheet
267Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-16 May 2001
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
292Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-14 November 2001
SI4410DY PHILIPS-SI4410DY Datasheet
266Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 02-05 July 2001
SI4416DY PHILIPS-SI4416DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-05 June 2001
SI4420DY PHILIPS-SI4420DY Datasheet
254Kb / 12P
N-channel enhancement mode field-effect transistor
Rev. 01-28 May 2001
SI9956DY PHILIPS-SI9956DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
logo
Fairchild Semiconductor
FDC633N FAIRCHILD-FDC633N Datasheet
278Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
FDT459N FAIRCHILD-FDT459N Datasheet
89Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com