Electronic Components Datasheet Search
  English  ▼

X  

PHT4NQ10LT Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PHT4NQ10LT
Description  N-channel enhancement mode field-effect transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHT4NQ10LT Datasheet(HTML) 3 Page - NXP Semiconductors

  PHT4NQ10LT Datasheet HTML 1Page - NXP Semiconductors PHT4NQ10LT Datasheet HTML 2Page - NXP Semiconductors PHT4NQ10LT Datasheet HTML 3Page - NXP Semiconductors PHT4NQ10LT Datasheet HTML 4Page - NXP Semiconductors PHT4NQ10LT Datasheet HTML 5Page - NXP Semiconductors PHT4NQ10LT Datasheet HTML 6Page - NXP Semiconductors PHT4NQ10LT Datasheet HTML 7Page - NXP Semiconductors PHT4NQ10LT Datasheet HTML 8Page - NXP Semiconductors PHT4NQ10LT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Philips Semiconductors
PHT4NQ10LT
N-channel enhancement mode field-effect transistor
Product specification
Rev. 01 — 11 September 2000
3 of 13
9397 750 07342
© Philips Electronics N.V. 2000. All rights reserved.
VGS ≥ 5V
Fig 1.
Normalized total power dissipation as a
function of solder point temperature.
Fig 2.
Normalized continuous drain current as a
function of solder point temperature.
Tsp =25 °C; IDM is single pulse
Unclamped inductive load; VDD ≤ 15 V; RGS =50 Ω;
VGS = 5 V; starting Tj =25 °C and 125 °C.
Fig 3.
Safe operating area; continuous and peak drain
currents as a function of drain-source voltage.
Fig 4.
Non-repetitive avalanche ruggedness current
as a function of pulse duration.
03aa17
0
20
40
60
80
100
120
0
25
50
75
100
125
150
175
P
der
Tsp (
o
C)
(%)
03aa25
0
20
40
60
80
100
120
0
25
50
75
100
125
150
175
I
der
T
sp
(
o
C)
(%)
P
der
P
tot
P
tot 25 C
°
()
----------------------
100%
×
=
I
der
I
D
I
D25 C
°
()
-------------------
100%
×
=
03ac48
10-2
10-1
1
10
102
110
102
103
VDS
I
D
(A)
D.C.
100 ms
10 ms
1 ms
tp= 10 µs
100 µs
tp
tp
T
P
t
T
δ =
RDSon = VDS/ ID
03ac92
10-1
1
10
10-2
10-1
110
tp (ms)
IAS
(A)
Tj prior to avalanche = 125ºC
25ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com