Electronic Components Datasheet Search
  English  ▼

X  

AD9865 Datasheet(PDF) 20 Page - Analog Devices

Part # AD9865
Description  Broadband Modem Mixed-Signal Front End
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9865 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9865 Datasheet HTML 16Page - Analog Devices AD9865 Datasheet HTML 17Page - Analog Devices AD9865 Datasheet HTML 18Page - Analog Devices AD9865 Datasheet HTML 19Page - Analog Devices AD9865 Datasheet HTML 20Page - Analog Devices AD9865 Datasheet HTML 21Page - Analog Devices AD9865 Datasheet HTML 22Page - Analog Devices AD9865 Datasheet HTML 23Page - Analog Devices AD9865 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
AD9865
Rev. A | Page 20 of 48
Power-Up Default Value
MODE = 0 (Half-Duplex)
MODE = 1 (Full-Duplex)
Address
(Hex)1
Bit
Break-
down
Description
Width
CONFIG = 0
CONFIG = 1
CONFIG = 0
CONFIG = 1
Comments
0x08
(7:0)
Rx Filter Tuning
Cut-off Frequency
8
0x80
0x61
0x80
0x80
Refer to Low-Pass Filter
section.
Tx/Rx PATH GAIN CONTROL
0x09
(6)
Use SPI Rx Gain
1
(5:0)
Rx Gain Code
6
0x00
0x00
0x00
0x00
Default setting is for
hardware Rx gain code via
PGA or Tx data port.
0x0A
(6)
Use SPI Tx Gain
1
(5:0)
Tx Gain Code
6
0x7F
0x7F
0x7F
0x7F
Default setting is for Tx gain
code via SPI control.
Tx AND Rx PGA CONTROL
0x0B
(6)
PGA Code for Tx
1
0
0
0
0
(5)
PGA Code for Rx
1
1
1
1
1
(3)
Force GAIN strobe
1
0
0
0
0
(2)
Rx Gain on Tx Port
1
0
0
1*
1*
(1)
3-Bit RxPGA Port
1
0
1**
0
0
Default setting is RxPGA
control active.
*Tx port with GAIN strobe
(AD9875/AD9876-compatible).
** 3-bit RxPGA gain map
(AD9975-compatible).
Tx DIGITAL FILTER AND INTERFACE
0x0C
(7:6)
Interpolation
Factor
2
01
00
01
01
(4)
Invert
TXEN/TXSYNC
1
0
0
0
0
(3)
Tx 5/5 Nibble*
1
N/A
N/A
0
0
(2)
LS Nibble First*
1
N/A
N/A
0
0
(1)
TXCLK neg. edge
1
0
0
0
0
(0)
Twos complement
1
0
0
1
1
Default setting is 2×
interpolation with LPF
response. Data format is
straight binary for half-
duplex and twos
complement for full-duplex
interface.
*Full-duplex only.
Rx INTERFACE AND ANALOG/DIGITAL LOOPBACK
0x0D
(7)
Analog Loopback
1
0
0
0
0
(6)
Digital Loopback*
1
0
0
0
0
(5)
Rx Port 3-State
1
N/A
N/A
0
0
(4)
Invert
RXEN/RXSYNC
1
0
0
0
0
(3)
RX 5/5 Nibble
1
N/A
N/A
0
0
(2)
LS Nibble First*
1
N/A
N/A
0
0
(1)
RXCLK neg. edge
1
0
0
0
0
(0)
Twos complement
1
0
0
1
1
Data format is straight
binary for half-duplex and
twos complement for full-
duplex interface.
Analog loopback: ADC Rx
data fed back to TxDAC.
Digital loopback: Tx input
data to Rx output port.
*Full-duplex only.
DIGITAL OUTPUT DRIVE STRENGTH, TxDAC OUTPUT, AND REV ID
0x0E
(7)
Low Drive
Strength
1
0
0
0
0
(0)
TxDAC Output
1
0
0
0
0
0x0F
(3:0)
REV ID Number
4
0x00
0x00
0x00
0x00
Default setting is for high
drive strength and IAMP
enabled.
Tx IAMP GAIN AND BIAS CONTROL
0x10
(7)
Select Tx Gain
1
(6:4)
G1
3
(2:0)
N
3
0x44
0x44
0x44
0x44
Secondary path G1 = 0, 1, 2,
3, 4.
Primary path N = 0, 1, 2, 3, 4.
0x11
(6:4)
G2
3
(2:0)
G3
3
0x62
0x62
0x62
0x62
Secondary path stages:
G2 = 0 to 1.50 in 0.25 steps
and G3 = 0 to 6.
0x12
(6:4)
Stand_Secondary
3
(2:0)
Stand_Primary
3
0x01
0x01
0x01
0x01
Standing current of primary
and secondary path.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com