Electronic Components Datasheet Search
  English  ▼

X  

AD9865 Datasheet(PDF) 31 Page - Analog Devices

Part # AD9865
Description  Broadband Modem Mixed-Signal Front End
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9865 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9865 Datasheet HTML 27Page - Analog Devices AD9865 Datasheet HTML 28Page - Analog Devices AD9865 Datasheet HTML 29Page - Analog Devices AD9865 Datasheet HTML 30Page - Analog Devices AD9865 Datasheet HTML 31Page - Analog Devices AD9865 Datasheet HTML 32Page - Analog Devices AD9865 Datasheet HTML 33Page - Analog Devices AD9865 Datasheet HTML 34Page - Analog Devices AD9865 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 48 page
background image
AD9865
Rev. A | Page 31 of 48
outputs left open for optimum linearity performance. The
transformer1 should be specified to handle the dc standing
current, IBIAS, drawn by the IAMP. Also, because IBIAS remains
signal independent, a series resistor (not shown) can be inserted
between AVDD and the transformer’s center-tap to reduce the
IAMP’s common-mode voltage, VCM, and reduce the power
dissipation on the IC. The VCM bias should not exceed 5.0 V and
the power dissipated in the IAMP alone is as follows:
PIAMP = 2 × (N + G) × I × VCM
(2)
TxDAC
IOUTN–
IOUTN+
IOUTG–
IOUTG+
0 TO –7.5dB
0 TO –12dB
IAMP
RSET
0.1
µF
RL
AVDD
0.1
µF
IBIAS = 2 × (N+G) × 1
IOUTPK
T:1
IOUTPK = (N+G) × 1
P_OUTPK = (IOUTPK)2 × T2 × RL
Figure 64. Current-Mode Operation
A step-down transformer1 with a turn ratio, T, can be used to
increase the output power, P_OUT, delivered to the load. This
causes the output load, RL, to be reflected back to the IAMP’s
differential output by T2, resulting in a larger differential voltage
swing seen at the IAMP’s output. For example, the IAMP can
deliver 24 dBm of peak power to a 50 Ω load, if a 1.41:1 step-
down transformer is used. This results in 5 V p-p voltage swings
appearing at IOUTN+ and IOUTN− pins. Figure 42 shows how
the third order intercept point, OIP3, of the IAMP varies as a
function of common-mode voltage over a 2.5 MHz to 20.0 MHz
span with a 2-tone signal having a peak power of approximately
24 dBm with IOUTPK = 50 mA.
For applications requiring an IOUTPK exceeding 50 mA, set the
secondary’s path to deliver the additional current to the load.
IOUTG+ and IOUTN+ should be shorted as well as IOUTG−
and IOUTN−. If IOUTPK represents the peak current to be
delivered to the load, then the current gain in the secondary
path, G, can be set by the following equation:
G = IOUTPK/12.5 − 4
(3)
The linearity performance becomes limited by the secondary
mirror path’s distortion.
1 The B6080 and BX6090 transformers from Pulse Engineering are worthy of
consideration for current and voltage modes.
IAMP VOLTAGE-MODE OPERATION
The voltage-mode configuration is shown in Figure 65. This
configuration is suited for applications having a poorly defined
load that can vary over a considerable range. A low impedance
voltage driver can be realized with the addition of two external
RF bipolar npn transistors (Phillips PBR951) and resistors. In
this configuration, the current mirrors in the primary path
(IOUTN outputs) feed into scaling resistors, R, generating a
differential voltage into the bases of the npn transistors. These
transistors are configured as source followers with the secon-
dary path current mirrors appearing at IOUTG+ and IOUTG−
providing a signal-dependent bias current. Note that the
IOUTP outputs must remain open for proper operation.
IOUTN–
IOUTN+
IOUTG–
IOUTG+
0 TO –7.5dB
0 TO –12dB
RSET
0.1
µF
TO LOAD
AVDD
IOUTPK
R
R
AVDD
RS 0.1µF
RS 0.1
µF
DUAL NPN
PHILLIPS PBR951
IAMP
TxDAC
Figure 65. Voltage-Mode Operation
The peak differential voltage signal developed across the npn’s
bases is as follows:
VOUTPK = R × (N × I)
(4)
where:
N is the gain setting of the primary mirror.
I is the standing current of the TxDAC defined in Equation 1.
The common-mode bias voltage seen at IOUTN+ and IOUTN−
is approximately AVDD − VOUTPK, while the common-mode
voltage seen at IOUTG+ and IOUTG− is approximately the
npn’s VBE drop below this level (AVDD − VOUTPK − 0.65). In
the voltage-mode configuration, the total power dissipated
within the IAMP is as follows :
PIAMP = 2 × I × {(AVDD − VOUTPK) × N
+ (AVDD − VOUTPK − 0.65) × G}
(5)
The emitters of the npn transistors are ac-coupled to the trans-
former1 via a 0.1 µF blocking capacitor and series resistor of 1 Ω
to 2 Ω. Note that protection diodes are not shown for clarity
purposes, but should be considered if interfacing to a power or
phone line.
The amount of standing and signal-dependent current used to
bias the npn transistors depends on the peak current, IOUTPK,
required by the load. If the load is variable, determine the worst
case, IOUTPK, and add 3 mA of margin to ensure that the npn
transistors remain in the active region during peak load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com