Electronic Components Datasheet Search
  English  ▼

X  

AD9865BCP Datasheet(PDF) 32 Page - Analog Devices

Part # AD9865BCP
Description  Broadband Modem Mixed-Signal Front End
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9865BCP Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9865BCP Datasheet HTML 28Page - Analog Devices AD9865BCP Datasheet HTML 29Page - Analog Devices AD9865BCP Datasheet HTML 30Page - Analog Devices AD9865BCP Datasheet HTML 31Page - Analog Devices AD9865BCP Datasheet HTML 32Page - Analog Devices AD9865BCP Datasheet HTML 33Page - Analog Devices AD9865BCP Datasheet HTML 34Page - Analog Devices AD9865BCP Datasheet HTML 35Page - Analog Devices AD9865BCP Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
AD9865
Rev. A | Page 32 of 48
currents. The gain of the secondary path, G, and the TxDAC’s
standing current, I, can be set using the following equation:
IOUTPK + 3 mA = G × I
(6)
The voltage output driver exhibits a high output impedance if
the bias currents for the npn transistors are removed. This
feature is advantageous in half-duplex applications (for
example, power lines) in which the Tx output driver must go
into a high impedance state while in Rx mode. If the AD9865 is
configured for the half-duplex mode (MODE = 0), the IAMP,
TxDAC, and interpolation filter are automatically powered
down after a Tx burst (via TXEN), thus placing the Tx driver
into a high impedance state while reducing its power
consumption.
IAMP CURRENT CONSUMPTION CONSIDERATIONS
The Tx path’s analog current consumption is an important
consideration when determining its contribution to the overall
on-chip power dissipation. This is especially the case in full-
duplex applications, where the power dissipation can exceed the
maximum limit of 1.66 W, if the IAMP’s IOUTPK is set to high.
The analog current consumption includes the TxDAC’s analog
supply (Pin 43) along with the standing current from the IAMP’s
outputs. Equation 2 and Equation 5 can be used to calculate the
power dissipated in the IAMP for the current and voltage mode
configuration. Figure 66 shows the current consumption for the
TxDAC and IAMP as a function of the TxDAC’s standing current,
I, when only the IOUTN outputs are used. Figure 67 shows the
current consumption for the TxDAC and IAMP as a function of
the TxDAC’s standing current, I, when the IOUTN and IOUTG
outputs are used. Both figures are with the default current mirror
gain settings of N = 4 and G = 12.
I (mA)
12
345
678
9
10
11
12
13
100
10
20
30
40
50
60
70
80
90
IAMPN OUTPUT
TxDACs AVDD
Figure 66. Current Consumption of TxDAC and IAMP in Current-Mode
Operation with IOUTN Only (Default IAMP Settings)
I (mA)
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
100
110
120
130
140
150
10
20
30
40
50
60
70
80
90
IOUTN OUTPUT
IOUTG OUTPUT
TxDAC AVDD
Figure 67. Current Consumption of TxDAC and IAMP in Current-Mode
Operation with IOUTN Only (Default IAMP Settings)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com