Electronic Components Datasheet Search
  English  ▼

X  

AD9865BCP Datasheet(PDF) 4 Page - Analog Devices

Part # AD9865BCP
Description  Broadband Modem Mixed-Signal Front End
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9865BCP Datasheet(HTML) 4 Page - Analog Devices

  AD9865BCP Datasheet HTML 1Page - Analog Devices AD9865BCP Datasheet HTML 2Page - Analog Devices AD9865BCP Datasheet HTML 3Page - Analog Devices AD9865BCP Datasheet HTML 4Page - Analog Devices AD9865BCP Datasheet HTML 5Page - Analog Devices AD9865BCP Datasheet HTML 6Page - Analog Devices AD9865BCP Datasheet HTML 7Page - Analog Devices AD9865BCP Datasheet HTML 8Page - Analog Devices AD9865BCP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
AD9865
Rev. A | Page 4 of 48
Parameter
Temp
Test Level
Min
Typ
Max
Unit
Tx DIGITAL FILTER CHARACTERISTICS (4× Interpolation)
Latency (Relative to 1/ FDAC)
Full
V
96
Cycles
−0.2 dB Bandwidth
Full
V
0.1095
fOUT/fDAC
−3 dB Bandwidth
Full
V
0.1202
fOUT /fDAC
Stop Band Rejection (0.289 fOSCIN to 0.711 fOSCIN)
Full
V
50
dB
PLL CLK MULTIPLIER
OSCIN Frequency Range
Full
IV
5
80
MHz
Internal VCO Frequency Range
Full
IV
20
200
MHz
Duty Cycle
Full
II
40
60
%
OSCIN Impedance
25°C
V
100//3
ΜΩ/pF
CLKOUT1 Jitter5
25°C
III
12
ps rms
CLKOUT2 Jitter6
25°C
III
6
ps rms
CLKOUT1 and CLKOUT2 Duty Cycle7
Full
III
45
55
%
1 Gain error and gain temperature coefficients are based on the ADC only (with a fixed 1.23 V external reference and a 1 V p-p differential analog input).
2 TxDAC IOUTFS = 20 mA, differential output with 1:1 transformer with source and load termination of 50 Ω, FOUT = 5 MHz, 4x interpolation.
3 IOUN full-scale current = 80 mA, fOSCIN = 80 MHz, fDAC =160 MHz, 2x interpolation.
4 Use external amplifier to drive additional load.
5 Internal VCO operates at 200 MHz , set to divide-by
-1.
6 Because CLKOUT2 is a divided down version of OSCIN, its jitter is typically equal to OSCIN.
7 CLKOUT2 is an inverted replica of OSCIN, if set to divide-by-1.
Rx PATH SPECIFICATIONS
AVDD = 3.3 V ± 5%, DVDD = CLKVDD = DRVDD = 3.3 V ± 10%; half- or full-duplex operation with CONFIG = 0 default power bias
settings, unless otherwise noted.
Table 2.
Parameter
Temp
Test Level
Min
Typ
Max
Unit
Rx INPUT CHARACTERISTICS
Input Voltage Span (RxPGA Gain = −10 dB)
Full
III
6.33
V p-p
Input Voltage Span (RxPGA Gain = +48 dB)
Full
III
8
mV p-p
Input Common-Mode Voltage
25°C
III
1.3
V
Differential Input Impedance
25°C
III
400
4.0
Ω
pF
Input Bandwidth (with RxLPF Disabled, RxPGA = 0 dB)
25°C
III
53
MHz
Input Voltage Noise Density (RxPGA Gain = 36 dB, f−3 dBF = 26 MHz)
25°C
III
3.0
nV/rtHz
Input Voltage Noise Density (RxPGA Gain = 48 dB, f−3 dBF = 26 MHz)
25°C
III
2.4
nV/rtHz
RxPGA CHARACTERISTICS
Minimum Gain
25°C
III
−12
dB
Maximum Gain
25°C
III
48
dB
Gain Step Size
25°C
III
1
dB
Gain Step Accuracy
25°C
III
Monotonic
dB
Gain Range Error
25°C
III
0.5
dB
RxLPF CHARACTERISTICS
Cutoff Frequency (f−3 dBF ) Range
Full
III
15
35
MHz
Attenuation at 55.2 MHz with f−3 dBF = 21 MHz
25°C
III
20
dB
Pass-Band Ripple
25°C
III
±1
dB
Settling Time to 5 dB RxPGA Gain Step @ fADC = 50 MSPS
25°C
III
20
ns
Settling Time to 60 dB RxPGA Gain Step @ fADC = 50 MSPS
25°C
III
100
ns
ADC DC CHARACTERISTICS
Resolution
NA
NA
10
Bits
Conversion Rate
Full
II
5
80
MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com