Electronic Components Datasheet Search
  English  ▼

X  

AD9991KCPRL Datasheet(PDF) 4 Page - Analog Devices

Part # AD9991KCPRL
Description  10-Bit CCD Signal Processor with Precision Timing ??Generator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9991KCPRL Datasheet(HTML) 4 Page - Analog Devices

  AD9991KCPRL Datasheet HTML 1Page - Analog Devices AD9991KCPRL Datasheet HTML 2Page - Analog Devices AD9991KCPRL Datasheet HTML 3Page - Analog Devices AD9991KCPRL Datasheet HTML 4Page - Analog Devices AD9991KCPRL Datasheet HTML 5Page - Analog Devices AD9991KCPRL Datasheet HTML 6Page - Analog Devices AD9991KCPRL Datasheet HTML 7Page - Analog Devices AD9991KCPRL Datasheet HTML 8Page - Analog Devices AD9991KCPRL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
–4–
AD9991
ANALOG SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
Notes
CDS
*
Allowable CCD Reset Transient
500
mV
Max Input Range before Saturation
1.0
V p-p
Max CCD Black Pixel Amplitude
±50
mV
VARIABLE GAIN AMPLIFIER (VGA)
Gain Control Resolution
1024
Steps
Gain Monotonicity
Guaranteed
Gain Range
Min Gain (VGA Code 0)
6
dB
Max Gain (VGA Code 1023)
42
dB
BLACK LEVEL CLAMP
Clamp Level Resolution
256
Steps
Clamp Level
Measured at ADC output.
Min Clamp Level (Code 0)
0
LSB
Max Clamp Level (Code 255)
63.75
LSB
A/D CONVERTER
Resolution
10
Bits
Differential Nonlinearity (DNL)
–1.0
±0.5
+1.0
LSB
No Missing Codes
Guaranteed
Full-Scale Input Voltage
2.0
V
VOLTAGE REFERENCE
Reference Top Voltage (REFT)
2.0
V
Reference Bottom Voltage (REFB)
1.0
V
SYSTEM PERFORMANCE
Includes entire signal chain.
Gain Accuracy
Low Gain (VGA Code 0)
5.0
5.5
6.0
dB
Gain = (0.0351
Code) + 6 dB
Max Gain (VGA Code 1023)
40.5
41.5
42.5
dB
Peak Nonlinearity, 500 mV Input Signal
0.2
%
12 dB gain applied.
Total Output Noise
0.25
LSB rms
AC grounded input, 6 dB gain applied.
Power Supply Rejection (PSR)
50
dB
Measured with step change on supply.
*Input signal characteristics defined as follows:
50mV MAX
OPTICAL BLACK PIXEL
500mV TYP
RESET TRANSIENT
1V MAX
INPUT SIGNAL RANGE
Specifications subject to change without notice.
(AVDD = 3.0 V, fCLI = 27 MHz, Typical Timing Specifications, TMIN to TMAX, unless otherwise noted.)
REV. 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com