| Electronic Components Datasheet Search |
|
AD9991KCPRL Datasheet(PDF) 23 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9991KCPRL Datasheet(HTML) 23 Page - Analog Devices |
|
23 / 60 page ![]() AD9991 –23– MODE Register The MODE register is a single register that selects the field tim- ing of the AD9991. Typically, all of the field, V-sequence, and V-pattern group information is programmed into the AD9991 at startup. During operation, the MODE register allows the user to select any combination of field timing to meet the current requirements of the system. The advantage of using the MODE register in conjunction with preprogrammed timing is that it greatly reduces the system programming requirements during camera operation. Only a few register writes are required when the camera operating mode is changed, rather than having to write in all of the vertical timing information with each camera mode change. A basic still camera application might require five different fields of vertical timing: one for draft mode operation, one for autofocusing, and three for still image readout. All of the reg- ister timing information for the five fields would be loaded at startup. Then, during camera operation, the MODE register would select which field timing would be active, depending on how the camera was being used. Table X shows how the MODE register bits are used. The three MSBs, D23–D21, are used to specify how many total fields will be used. Any value from 1 to 7 can be selected using these three bits. The remaining register bits are divided into 3-bit sections to select which of the six fields are used and in which order. Up to seven fields may be used in a single MODE write. The AD9991 will start with the Field timing specified by the first Field bits, and on the next VD will switch to the timing specified by the second Field bits, and so on. After completing the total number of fields specified in Bits D23 to D21, the AD9991 will repeat by starting at the first Field again. This will continue until a new write to the MODE register occurs. Figure 24 shows example MODE register set- tings for different field configurations. Table X. MODE Register Data Bit Breakdown (D23 = MSB) D23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 D0 Total Number of 7th Field 6th Field 5th Field 4th Field 3rd Field 2nd Field 1st Field Fields to Use. 0 = Field 0 0 = Field 0 0 = Field 0 0 = Field 0 0 = Field 0 0 = Field 0 0 = Field 0 1 = 1st Field Only 5 = Field 5 5 = Field 5 5 = Field 5 5 = Field 5 5 = Field 5 5 = Field 5 5 = Field 5 7 = All 7 Fields 6, 7 = Invalid 6, 7 = Invalid 6, 7 = Invalid 6, 7 = Invalid 6, 7 = Invalid 6, 7 = Invalid 6, 7 = Invalid 0 = Invalid EXAMPLE 1: TOTAL FIELDS = 3, 1ST FIELD = FIELD 0, 2ND FIELD = FIELD 1, 3RD FIELD = FIELD 2 MODE REGISTER CONTENTS = 0x600088 FIELD 0 FIELD 1 FIELD 2 FIELD 3 FIELD 4 FIELD 5 FIELD 1 FIELD 4 FIELD 2 EXAMPLE 2: TOTAL FIELDS = 2, 1ST FIELD = FIELD 3, 2ND FIELD = FIELD 4 MODE REGISTER CONTENTS = 0x400023 EXAMPLE 3: TOTAL FIELDS = 4, 1ST FIELD = FIELD 5, 2ND FIELD = FIELD 1, 3RD FIELD = FIELD 4, 4TH FIELD = FIELD 2 MODE REGISTER CONTENTS = 0x80050D Figure 24. Using the MODE Register to Select Field Timing REV. 0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |