Electronic Components Datasheet Search
  English  ▼

X  

AD9866-EB Datasheet(PDF) 39 Page - Analog Devices

Part # AD9866-EB
Description  Broadband Modem Mixed-Signal Front End
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9866-EB Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9866-EB Datasheet HTML 35Page - Analog Devices AD9866-EB Datasheet HTML 36Page - Analog Devices AD9866-EB Datasheet HTML 37Page - Analog Devices AD9866-EB Datasheet HTML 38Page - Analog Devices AD9866-EB Datasheet HTML 39Page - Analog Devices AD9866-EB Datasheet HTML 40Page - Analog Devices AD9866-EB Datasheet HTML 41Page - Analog Devices AD9866-EB Datasheet HTML 42Page - Analog Devices AD9866-EB Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
AD9866
Rev. A | Page 39 of 48
POWER CONTROL AND DISSIPATION
POWER-DOWN
The AD9866 provides the ability to control the power-on state
of various functional blocks. The state of the PWRDWN pin,
along with the contents of Register 0x01 and Register 0x02,
allow two user-defined power settings that are pin selectable.
The default settings1 are such that Register 0x01 has all blocks
powered on (all Bits 0), while Register 0x02 has all blocks
powered, down excluding the PLL, such that the clock signal
remains available at CLKOUT1 and CLKOUT2. When the
PWRDWN pin is low, the functional blocks corresponding to
the bits in Register 0x01 are powered down. When the
PWRDWN is high, the functional blocks corresponding to the
bits in Register 0x02 are powered down. PWRDWN
immediately affects the designated functional blocks with
minimum digital delay.
Table 23. SPI Registers Associated with Power-Down and
Half-Duplex Power Savings
Address (Hex)
Bit
Description
Comments
0x01
(7)
PLL
(6)
TxDAC/IAMP
(5)
TX Digital
(4)
REF
(3)
ADC CML
(2)
ADC
(1)
PGA BIAS
(0)
RxPGA
PWRDWN = 0.
Default setting is all
functional blocks
powered on.
0x02
(7)
PLL
(6)
TxDAC/IAMP
(5)
TX Digital
(4)
REF
(3)
ADC CML
(2)
ADC
(1)
PGA BIAS
(0)
RxPGA
PWRDWN = 1.
Default setting is all
functional blocks
powered off,
excluding PLL.
0x03
(7:3)
Tx OFF Delay
(2)
Rx PWRDWN
via TXEN
(1)
Enable Tx
PWRDWN
(0)
Enable Rx
PWRDWN
Half-duplex power
savings.
1 With MODE = 1 and CONFIG = 1, Reg. 0x02 default settings are with all
blocks powered off, with RXCLK providing a buffered version of the signal
appearing at OSCIN. This setting results in the lowest power consumption
upon power-up while still allowing AD9865 to generate the system clock via
a crystal.
HALF-DUPLEX POWER SAVINGS
Significant power savings can be realized in applications having
a half-duplex protocol allowing only the Rx or Tx path to be
operational at any instance. The power savings method depends
on whether the AD9866 is configured for a full- or half-duplex
interface. Functional blocks having fast power on/off times for
the Tx and Rx path are controlled by the following bits:
TxDAC/IAMP, TX Digital, ADC, and RxPGA.
In the case of a full-duplex digital interface (MODE = 1), one
can set Register 0x01 to 0x60 and Register 0x02 to 0x05 (or vice
versa) such that the AD9866’s Tx and Rx path are never
powered on simultaneously. The PWRDWN pin can then be
used to control what path is powered on, depending on the
burst type. During a Tx burst, the Rx path’s PGA and ADC
blocks can typically be powered down within 100 ns, while the
Tx paths DAC, IAMP, and digital filter blocks are powered up
within 0.5 µs. For an Rx burst, the Tx path’s can be powered
down within 100 ns, while the Rx circuitry is powered up
within 2 µs.
Setting the TXQUIET pin low allows it to be used with the full-
duplex interface to quickly power down the IAMP and disable
the interpolation filter. This is meant to maintain backward
compatibility with the AD9875/AD9876 MxFEs with the excep-
tion that the TxDAC remains powered if its IOUTP outputs are
used. In most applications, the interpolation filter needs to be
flushed with 0s before or after being powered down. This
ensures that, upon power-up, the TxDAC (and IAMP) have a
negligible differential dc offset, thus preventing spectral splatter
due to an impulse transient.
Applications using a half-duplex interface (MODE = 0) can
benefit from an additional power savings feature made available
in Register 0x03. This register is effective only for a half-duplex
interface. Besides providing power savings for half-duplex
applications, this feature allows the AD9866 to be used in
applications that need only its Rx (or Tx) path functionality
through pin-strapping, making a serial port interface (SPI)
optional. This feature also allows the PWRDWN pin to retain
its default function as a master power control, as defined in
Table 10.
The default settings for Register 0x03 provide fast power control
of the functional blocks in the Tx and Rx signal paths (outlined
above) using the TXEN pin. The TxDAC still remains powered
on in this mode, while the IAMP is powered down. Significant
current savings are typically realized when the IAMP is
powered down.
For a Tx burst, the falling edge of TXEN is used to generate an
internal delayed signal for powering down the Tx circuitry.
Upon receipt of this signal, power-down of the Tx circuitry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com