Electronic Components Datasheet Search
  English  ▼

X  

AD9866-EB Datasheet(PDF) 21 Page - Analog Devices

Part # AD9866-EB
Description  Broadband Modem Mixed-Signal Front End
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9866-EB Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9866-EB Datasheet HTML 17Page - Analog Devices AD9866-EB Datasheet HTML 18Page - Analog Devices AD9866-EB Datasheet HTML 19Page - Analog Devices AD9866-EB Datasheet HTML 20Page - Analog Devices AD9866-EB Datasheet HTML 21Page - Analog Devices AD9866-EB Datasheet HTML 22Page - Analog Devices AD9866-EB Datasheet HTML 23Page - Analog Devices AD9866-EB Datasheet HTML 24Page - Analog Devices AD9866-EB Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
AD9866
Rev. A | Page 21 of 48
Power-Up Default Value
MODE = 0 (Half-Duplex)
MODE = 1 (Full-Duplex)
Address
(Hex) 1
Bit
Break-
down
Description
Width
CONFIG = 0
CONFIG = 1
CONFIG = 0
CONFIG = 1
Comments
(7:5)
CPGA Bias Adjust
3
(4:3)
SPGA Bias Adjust
2
0x13
(2:0)
ADC Bias Adjust
4
0x00
0x00
0x00
0x00
Current bias setting for Rx
path’s functional blocks.
Refer to Page 41.
1 Bits that are undefined should always be assigned a 0.
REGISTER MAP DESCRIPTION
The AD9866 contains a set of programmable registers described
in Table 10 that are used to optimize its numerous features,
interface options, and performance parameters from its default
register settings. Registers pertaining to similar functions have
been grouped together and assigned adjacent addresses to
minimize the update time when using the multibyte serial port
interface (SPI) read/write feature. Bits that are undefined within
a register should be assigned a 0 when writing to that register.
The default register settings were intended to allow some
applications to operate without the use of an SPI. The AD9866
can be configured to support a half- or full-duplex digital
interface via the MODE pin, with each interface having two
possible default register settings determined by the setting of
the CONFIG pin.
For instance, applications that need to use only the Tx or Rx
path functionality of the AD9866 can configure it for a half-
duplex interface (MODE = 0), and use the TXEN pin to select
between the Tx or Rx signal path with the unused path
remaining in a reduced power state. The CONFIG pin can be
used to select the default interpolation ratio of the Tx path and
RxPGA gain mapping.
SERIAL PORT INTERFACE (SPI)
The serial port of the AD9866 has 3- or 4-wire SPI capability
allowing read/write access to all registers that configure the
device’s internal parameters. Registers pertaining to the SPI are
listed in Table 11. The default 3-wire serial communication port
consists of a clock (SCLK), serial port enable (SEN), and a
bidirectional data (SDIO) signal. SEN is an active low control
gating read and write cycle. When SEN is high, SDO and SDIO
are three-stated. The inputs to SCLK, SEN, and SDIO contain a
Schmitt trigger with a nominal hysteresis of 0.4 V centered
about VDDH/2. The SDO pin remains three-stated in a 3-wire
SPI interface.
Table 11. SPI Registers Pertaining to SPI Options
Address (Hex)
Bit
Description
0x00
(7)
Enable 4-wire SPI
(6)
Enable SPI LSB first
A 4-wire SPI can be enabled by setting the 4-wire SPI bit high,
causing the output data to appear on the SDO pin instead of on
the SDIO pin. The SDIO pin serves as an input-only throughout
the read operation. Note that the SDO pin is active only during
the transmission of data and remains three-stated at any other
time.
An 8-bit instruction header must accompany each read and
write operation. The instruction header is shown in Table 12.
The MSB is an R/Windicator bit with logic high indicating a
read operation. The next two bits, N1 and N0, specify the
number of bytes (one to four bytes) to be transferred during the
data transfer cycle. The remaining five bits specify the address
bits to be accessed during the data transfer portion. The data
bits immediately follow the instruction header for both read
and write operations.
Table 12. Instruction Header Information
MSB
LSB
17
16
15
14
13
12
11
10
R/W
N1
N0
A4
A3
A2
A1
A0
The AD9866 serial port can support both MSB (most significant
bit) first and LSB (least significant bit) first data formats. Figure 45
illustrates how the serial port words are built for the MSB first and
LSB first modes. The bit order is controlled by the SPI LSB first bit
(Register 0, Bit 6). The default value is 0, MSB first. Multibyte data
transfers in MSB format can be completed by writing an instruc-
tion byte that includes the register address of the last address to be
accessed. The AD9866 automatically decrements the address for
each successive byte required for the multibyte communication
cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com