Electronic Components Datasheet Search
  English  ▼

X  

SA7.0 Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # SA7.0
Description  500W, 5V - 170V Transient Voltage Suppressor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SA7.0 Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  SA7.0 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SA7.0 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SA7.0 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SA7.0 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd SA7.0 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd SA7.0 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd SA7.0 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd SA7.0 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd SA7.0 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SA SERIES
Taiwan Semiconductor
5
Version: L2105
ORDERING INFORMATION
ORDERING CODE(1)(2)
PACKAGE
PACKING
SAx
DO-204AC (DO-15)
3,500 / Tape & Reel
SAx A0G
DO-204AC (DO-15)
1,500 / Ammo box
SAxH
DO-204AC (DO-15)
3,500 / Tape & Reel
SAxHA0G
DO-204AC (DO-15)
1,500 / Ammo box
Notes:
1.
“x” defines voltage from 5V (SA5.0) to 170V (SA170)
2.
“H” means AEC-Q101 qualified



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com