Electronic Components Datasheet Search
  English  ▼

X  

SA7.0 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SA7.0
Description  500W, 5V - 170V Transient Voltage Suppressor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SA7.0 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SA7.0 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SA7.0 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SA7.0 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SA7.0 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd SA7.0 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd SA7.0 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd SA7.0 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd SA7.0 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd SA7.0 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SA SERIES
Taiwan Semiconductor
1
Version: L2105
500W, 5V - 170V Transient Voltage Suppressor
FEATURES
● AEC-Q101 qualified available
● Excellent clamping capability
● Low impedance surge resistance
● 500W surge capability at 10/1000μs waveform
● Fast response time: Typically less than 1.0ps from 0 volt to
VBR for unidirectional and 5.0ns for bidirectional
● Typical I
R less than 1μA above 10V
● RoHS Compliant
● Halogen-free according to IEC 61249-2-21
APPLICATIONS
● Protect sensitive circuit from damage by high voltage
transients
● Lighting, ESD transient voltage protection of IC, system
● Inductive switching load protection of IC, system
● Electrical Fast Transient Immunity protection of IC, system
MECHANICAL DATA
● Case: DO-204AC (DO-15)
● Molding compound meets UL 94V-0 flammability rating
● Terminal: Pure tin plated leads, solderable per J-STD-002
● Meet JESD 201 class 2 whisker test
● Polarity: As marked
● Weight: 0.400g (approximately)
KEY PARAMETERS
PARAMETER
VALUE
UNIT
VWM
5 - 170
V
VBR (uni - directional)
6.4 - 209
V
VBR (bi - directional)
6.4 - 209
V
PPK
500
W
TJ MAX
175
°C
Package
DO-204AC (DO-15)
DO-204AC (DO-15)
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Peak power dissipation at TA = 25°C, Tp = 1ms
(1)
PPK
500
W
Steady state power dissipation at TL = 75°C
lead lengths .375", 9.5mm
(2)
PD
3
W
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
(3)
IFSM
70
A
Maximum instantaneous forward voltage at 35A for
Unidirectional only
VF
3.5
V
Operating junction temperature range
TJ
-55 to +175
°C
Storage temperature range
TSTG
-55 to +175
°C
Note:
1.
Non-repetitive current pulse per Fig.3 and Derated above TA = 25°C per Fig.2
2.
Mounted on 10 x 10 mm copper pads to each terminal
3.
8.3ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum
Devices for bipolar applications
1. For bidirectional use C or CA suffix for types SA5.0 - types SA170
2. Electrical characteristics apply in both directions


Similar Part No. - SA7.0

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA7.0 PANJIT-SA7.0 Datasheet
169Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Won-Top Electronics
SA7.0 WTE-SA7.0 Datasheet
68Kb / 5P
500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Bytes
SA7.0 BYTES-SA7.0 Datasheet
313Kb / 4P
500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Dc Components
SA7.0 DCCOM-SA7.0 Datasheet
792Kb / 4P
TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
SA7.0 EIC-SA7.0 Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SA7.0

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SA5V0A DIODES-SA5V0A Datasheet
66Kb / 3P
500W TRANSIENT VOLTAGE SUPPRESSOR
DS21501 Rev. 10 - 2
logo
Won-Top Electronics
SA5.0 WTE-SA5.0_06 Datasheet
82Kb / 6P
500W TRANSIENT VOLTAGE SUPPRESSOR
SA180 WTE-SA180 Datasheet
72Kb / 5P
500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Frontier Electronics.
SA5.0(C) FRONTIER-SA5.0(C) Datasheet
132Kb / 5P
500W TRANSIENT VOLTAGE SUPPRESSOR
SA5.0(C)-LFR FRONTIER-SA5.0(C)-LFR Datasheet
132Kb / 5P
500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SA5.0 LUGUANG-SA5.0 Datasheet
196Kb / 3P
500W Transient Voltage Suppressor
logo
Diodes Incorporated
SA20A-T DIODES-SA20A-T Datasheet
202Kb / 4P
500W TRANSIENT VOLTAGE SUPPRESSOR
Rev 13.2.2003
SA26A-T DIODES-SA26A-T Datasheet
202Kb / 4P
500W TRANSIENT VOLTAGE SUPPRESSOR
Rev 13.2.2003
logo
Taiwan Semiconductor Co...
SMCJ TSC-SMCJ_15 Datasheet
192Kb / 7P
1500W, 5V - 170V Surface Mount Transient Voltage Suppressor
SMBJH TSC-SMBJH Datasheet
450Kb / 8P
600W, 5V - 170V Surface Mount Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com