Electronic Components Datasheet Search
  English  ▼

X  

NRLRW Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NRLRW
Description  Large Can Aluminum Electrolytic Capacitors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRLRW Datasheet(HTML) 2 Page - NIC-Components Corp.

  NRLRW Datasheet HTML 1Page - NIC-Components Corp. NRLRW Datasheet HTML 2Page - NIC-Components Corp. NRLRW Datasheet HTML 3Page - NIC-Components Corp. NRLRW Datasheet HTML 4Page - NIC-Components Corp. NRLRW Datasheet HTML 5Page - NIC-Components Corp. NRLRW Datasheet HTML 6Page - NIC-Components Corp. NRLRW Datasheet HTML 7Page - NIC-Components Corp. NRLRW Datasheet HTML 8Page - NIC-Components Corp. NRLRW Datasheet HTML 9Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
168
®
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
W.V.
(Vdc)
Cap.
(
µF)
Case Size
DxL (mm)
ESR (
Ω@20°C
Max. Ripple Current
(Arms @ 105°C)
120Hz
20KHz
120Hz
10K ~ 50KHz
10
6,800
20x25
0.135
0.104
1.31
1.50
8,299
20x30
0.112
0.086
1.59
1.82
10,000
20x30
0.092
0.071
1.88
2.16
22x25
0.092
0.071
1.77
2.03
12,000
20x35
0.076
0.059
2.18
2.50
22x30
0.076
0.059
2.10
2.41
25x25
0.076
0.059
1.94
2.23
15,000
20x40
0.061
0.047
2.27
2.61
22x35
0.061
0.047
2.23
2.56
25x30
0.061
0.047
2.10
2.41
18,000
22x40
0.051
0.039
2.41
2.77
25x30
0.051
0.039
2.34
2.69
30x25
0.051
0.039
2.25
2.58
22,000
22x45
0.042
0.032
2.58
2.96
25x35
0.042
0.032
2.54
2.92
30x30
0.042
0.032
2.50
2.87
27,000
22x50
0.034
0.026
3.17
3.64
25x40
0.034
0.026
3.07
3.53
30x30
0.034
0.026
2.95
3.39
33,000
25x45
0.028
0.022
3.39
3.89
30x35
0.028
0.022
3.33
3.82
35x30
0.028
0.022
3.21
3.69
39,000
30x40
0.024
0.018
3.70
4.25
35x35
0.024
0.018
3.68
4.23
47,000
30x45
0.020
0.015
4.22
4.85
35x40
0.020
0.015
4.16
4.78
56,000
35x45
0.017
0.013
5.00
5.75
Large Can Aluminum Electrolytic Capacitors
NRLRW Series
STANDARD PRODUCT LIST, CASE SIZE AND SPECIFICATIONS
16
6,800
20x25
0.122
0.094
1.80
2.07
8,200
20x30
0.102
0.078
2.08
2.39
22x25
0.102
0.078
2.08
2.39
10,000
20x35
0.083
0.064
2.15
2.47
22x30
0.083
0.064
2.15
2.47
12,000
20x40
0.070
0.054
2.31
2.65
22x30
0.070
0.054
2.31
2.65
25x25
0.070
0.054
2.31
2.65
15,000
22x35
0.056
0.043
2.68
3.08
25x30
0.056
0.043
2.68
3.08
18,000
22x40
0.047
0.036
3.20
3.68
25x30
0.047
0.036
3.20
3.68
30x25
0.047
0.036
3.20
3.68
22,000
22x45
0.038
0.029
3.36
3.86
25x35
0.038
0.029
3.36
3.86
30x30
0.038
0.029
3.36
3.86
27,000
22x50
0.031
0.024
3.85
4.42
25x40
0.031
0.024
3.85
4.42
30x30
0.031
0.024
3.85
4.42
33,000
25x45
0.026
0.020
4.30
4.94
30x35
0.026
0.020
4.30
4.94
35x30
0.026
0.020
4.30
4.94
39,000
25x50
0.022
0.017
4.81
5.53
30x40
0.022
0.017
4.81
5.53
35x35
0.022
0.017
4.81
5.53
47,000
30x45
0.018
0.014
5.53
6.35
35x40
0.018
0.014
5.53
6.35
56,000
30x50
0.015
0.012
6.00
6.90
35x45
0.015
0.012
6.00
6.90
68,000
35x50
0.013
0.010
6.40
7.36



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com