Electronic Components Datasheet Search
  English  ▼

X  

NRLRW Datasheet(PDF) 6 Page - NIC-Components Corp.

Part # NRLRW
Description  Large Can Aluminum Electrolytic Capacitors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRLRW Datasheet(HTML) 6 Page - NIC-Components Corp.

Back Button NRLRW Datasheet HTML 2Page - NIC-Components Corp. NRLRW Datasheet HTML 3Page - NIC-Components Corp. NRLRW Datasheet HTML 4Page - NIC-Components Corp. NRLRW Datasheet HTML 5Page - NIC-Components Corp. NRLRW Datasheet HTML 6Page - NIC-Components Corp. NRLRW Datasheet HTML 7Page - NIC-Components Corp. NRLRW Datasheet HTML 8Page - NIC-Components Corp. NRLRW Datasheet HTML 9Page - NIC-Components Corp. NRLRW Datasheet HTML 10Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
172
®
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Large Can Aluminum Electrolytic Capacitors
NRLRW Series
STANDARD PRODUCT LIST, CASE SIZE AND SPECIFICATIONS
W.V.
(Vdc)
Cap.
(
µF)
Case Size
DxL (mm)
ESR (
Ω@20°C
Max. Ripple Current
(Arms @ 105°C)
120Hz
20KHz
120Hz
10K ~ 50KHz
160
270
20x25
0.922
0.709
1.10
1.65
330
20x30
0.754
0.580
1.20
1.80
22x25
0.754
0.580
1.21
1.81
390
20x30
0.638
0.491
1.24
1.86
22x25
0.638
0.491
1.30
1.95
470
20x35
0.53
0.408
1.42
2.13
22x30
0.53
0.408
1.41
2.11
560
20x40
0.445
0.342
1.57
2.35
22x35
0.445
0.342
1.54
2.31
25x25
0.445
0.342
1.51
2.26
680
20x45
0.366
0.282
1.70
2.55
22x40
0.366
0.282
1.74
2.61
25x30
0.366
0.282
1.74
2.61
30x25
0.366
0.282
1.74
2.61
820
22x45
0.304
0.234
2.00
3.00
25x35
0.304
0.234
2.00
3.00
30x30
0.304
0.234
2.00
3.00
1,000
22x50
0.249
0.192
2.25
3.37
25x40
0.249
0.192
2.25
3.37
30x30
0.249
0.192
2.25
3.37
35x25
0.249
0.192
2.25
3.37
1,200
25x45
0.208
0.160
2.49
3.73
30x35
0.208
0.160
2.49
3.73
35x30
0.208
0.160
2.45
3.67
1,500
30x40
0.166
0.128
2.84
4.26
35x30
0.166
0.128
2.68
4.02
1,800
30x45
0.139
0.107
3.32
4.98
35x35
0.139
0.107
3.00
4.50
2,200
35x45
0.114
0.087
3.50
5.25
2,700
35x50
0.093
0.071
4.00
6.00
180
270
20x25
0.922
0.709
0.93
1.39
330
20x30
0.754
0.580
1.20
1.80
22x25
0.754
0.580
1.20
1.80
390
20x35
0.638
0.491
1.30
1.95
22x30
0.638
0.491
1.35
2.02
470
20x40
0.530
0.408
1.40
2.10
22x35
0.530
0.408
1.42
2.13
25x25
0.530
0.408
1.38
2.07
560
20x45
0.445
0.342
1.55
2.32
22x40
0.445
0.342
1.60
2.40
25x30
0.445
0.342
1.55
2.32
680
22x45
0.366
0.282
1.78
2.67
25x35
0.366
0.282
1.78
2.67
30x25
0.366
0.282
1.55
2.32
820
22x50
0.304
0.234
2.00
3.00
25x40
0.304
0.234
2.00
3.00
30x30
0.304
0.234
2.00
3.00
35x25
0.304
0.234
2.00
3.00
1,000
25x45
0.249
0.192
2.25
3.37
30x35
0.249
0.192
2.25
3.37
35x30
0.249
0.192
2.26
3.39
1,200
25x50
0.208
0.160
2.54
3.81
30x40
0.208
0.160
2.52
3.78
35x30
0.208
0.160
2.60
3.90
1,500
30x45
0.166
0.128
2.90
4.35
35x35
0.166
0.128
2.95
4.42
180Vdc continued on next page



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com