Electronic Components Datasheet Search
  English  ▼

X  

LT1374CFE Datasheet(PDF) 11 Page - Linear Technology

Part # LT1374CFE
Description  4.5A, 500kHz Step-Down Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1374CFE Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1374CFE Datasheet HTML 7Page - Linear Technology LT1374CFE Datasheet HTML 8Page - Linear Technology LT1374CFE Datasheet HTML 9Page - Linear Technology LT1374CFE Datasheet HTML 10Page - Linear Technology LT1374CFE Datasheet HTML 11Page - Linear Technology LT1374CFE Datasheet HTML 12Page - Linear Technology LT1374CFE Datasheet HTML 13Page - Linear Technology LT1374CFE Datasheet HTML 14Page - Linear Technology LT1374CFE Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
11
LT1374
1374fb
When choosing an inductor you might have to consider
maximum load current, core and copper losses, allowable
component height, output voltage ripple, EMI, fault cur-
rent in the inductor, saturation, and of course, cost. The
following procedure is suggested as a way of handling
these somewhat complicated and conflicting requirements.
1. Choose a value in microhenries from the graphs of
maximum load current and core loss. Choosing a small
inductor may result in discontinuous mode operation
at lighter loads, but the LT1374 is designed to work
well in either mode. Keep in mind that lower core loss
means higher cost, at least for closed core geometries
like toroids. The core loss graphs show both absolute
loss and percent loss for a 5W output, so actual percent
losses must be calculated for each situation.
Assume that the average inductor current is equal to
load current and decide whether or not the inductor
must withstand continuous fault conditions. If maxi-
mum load current is 0.5A, for instance, a 0.5A inductor
may not survive a continuous 4.5A overload condition.
Dead shorts will actually be more gentle on the induc-
tor because the LT1374 has foldback current limiting.
2. Calculate peak inductor current at full load current to
ensure that the inductor will not saturate. Peak current
can be significantly higher than output current, espe-
cially with smaller inductors and lighter loads, so don’t
omit this step. Powdered iron cores are forgiving
because they saturate softly, whereas ferrite cores
saturate abruptly. Other core materials fall somewhere
in between. The following formula assumes continu-
ous mode of operation, but it errs only slightly on the
high side for discontinuous mode, so it can be used for
all conditions.
II
VV
V
fL V
PEAK
OUT
OUT
IN
OUT
IN
=+
−
()
()( )( )
2
VIN = Maximum input voltage
f = Switching frequency, 500kHz
3. Decide if the design can tolerate an “open” core geom-
etry like a rod or barrel, with high magnetic field
radiation, or whether it needs a closed core like a toroid
to prevent EMI problems. One would not want an open
APPLICATIONS INFORMATION
core next to a magnetic storage media, for instance!
This is a tough decision because the rods or barrels are
temptingly cheap and small and there are no helpful
guidelines to calculate when the magnetic field radia-
tion will be a problem.
4. Start shopping for an inductor (see representative
surface mount units in Table 2) which meets the
requirements of core shape, peak current (to avoid
Table 2
SERIES
CORE
VENDOR/
VALUE
DC
CORE
RESIS-
MATER-
HEIGHT
PART NO.
(
µH) (Amps) TYPE TANCE(Ω)
IAL
(mm)
Coiltronics
CTX2-1
2
4.1
Tor
0.011
KM
µ
4.2
CTX5-4
5
4.4
Tor
0.019
KM
µ
6.4
CTX8-4
8
3.5
Tor
0.020
KM
µ
6.4
CTX2-1P
2
3.4
Tor
0.014
52
4.2
CTX2-3P
2
4.6
Tor
0.012
52
4.8
CTX5-4P
5
3.3
Tor
0.027
52
6.4
Sumida
CDRH125
10
4.0
SC
0.025
Fer
6
CDRH125
12
3.5
SC
0.027
Fer
6
CDRH125
15
3.3
SC
0.030
Fer
6
CDRH125
18
3.0
SC
0.034
Fer
6
Coilcraft
DT3316-222
2.2
5
SC
0.035
Fer
5.1
DT3316-332
3.3
5
SC
0.040
Fer
5.1
DT3316-472
4.7
3
SC
0.045
Fer
5.1
Pulse
PE-53650
4
4.8
Tor
0.017
Fer
9.1
PE-53651
5
5.4
Tor
0.018
Fer
9.1
PE-53652
9
5.5
Tor
0.022
Fer
10
PE-53653
16
5.1
Tor
0.032
Fer
10
Dale
IHSM-4825
2.7
5.1
Open
0.034
Fer
5.6
IHSM-4825
4.7
4.0
Open
0.047
Fer
5.6
IHSM-5832
10
4.3
Open
0.053
Fer
7.1
IHSM-5832
15
3.5
Open
0.078
Fer
7.1
IHSM-7832
22
3.8
Open
0.054
Fer
7.1
Tor = Toroid
SC = Semi-closed geometry
Fer = Ferrite core material
52 = Type 52 powdered iron core material
KM
µ = Kool Mµ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com