Electronic Components Datasheet Search
  English  ▼

X  

LT1374CFE Datasheet(PDF) 16 Page - Linear Technology

Part # LT1374CFE
Description  4.5A, 500kHz Step-Down Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1374CFE Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1374CFE Datasheet HTML 12Page - Linear Technology LT1374CFE Datasheet HTML 13Page - Linear Technology LT1374CFE Datasheet HTML 14Page - Linear Technology LT1374CFE Datasheet HTML 15Page - Linear Technology LT1374CFE Datasheet HTML 16Page - Linear Technology LT1374CFE Datasheet HTML 17Page - Linear Technology LT1374CFE Datasheet HTML 18Page - Linear Technology LT1374CFE Datasheet HTML 19Page - Linear Technology LT1374CFE Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
16
LT1374
1374fb
Figure 5a. Suggested Layout (Topside Only Shown) SO-8
APPLICATIONS INFORMATION
1
U1
C1
CONNECT TO
GROUND PLANE
KEEP FB AND VC COMPONENTS
AWAY FROM HIGH FREQUENCY,
HIGH CURRENT COMPONENTS
PLACE FEEDTHROUGHS
AROUND GND PIN FOR GOOD
THERMAL CONDUCTIVITY
R3
D2
C4
R2
L1
13745 F05a
C5
C6
GND
VOUT
D1
C3
VIN
GND
CONNECT TO
GROUND PLANE
MINIMIZE LT1374, C3, D1 LOOP
KELVIN SENSE
VOUT
TAKE OUTPUT
DIRECTLY FROM
END OF OUTPUT
CAPACITOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com