Electronic Components Datasheet Search
  English  ▼

X  

OCP8153 Datasheet(PDF) 8 Page - Shanghai Orient-Chip Technology Co.,LTD.

Part # OCP8153
Description  High precision original side feedback constant current converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIENT-CHIP [Shanghai Orient-Chip Technology Co.,LTD.]
Direct Link  https://www.orient-chip.com/
Logo ORIENT-CHIP - Shanghai Orient-Chip Technology Co.,LTD.

OCP8153 Datasheet(HTML) 8 Page - Shanghai Orient-Chip Technology Co.,LTD.

  OCP8153 Datasheet HTML 1Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8153 Datasheet HTML 2Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8153 Datasheet HTML 3Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8153 Datasheet HTML 4Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8153 Datasheet HTML 5Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8153 Datasheet HTML 6Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8153 Datasheet HTML 7Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8153 Datasheet HTML 8Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8153 Datasheet HTML 9Page - Shanghai Orient-Chip Technology Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Page 8 - 9
Ver 1.1 April. 01, 2013
OCP8153
高精度原边反馈恒流转换器
订购信息
打标信息
DIP-8L
型号
最大输出功率
封装
包装数量
温度范围
环保等级
基座材料
OCP8153ND
10W
DIP-8L
Bulk
50pcs/bulk
-40~85℃
Green
Cu



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com