Electronic Components Datasheet Search
  English  ▼

X  

OCP8153 Datasheet(PDF) 1 Page - Shanghai Orient-Chip Technology Co.,LTD.

Part # OCP8153
Description  High precision original side feedback constant current converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIENT-CHIP [Shanghai Orient-Chip Technology Co.,LTD.]
Direct Link  https://www.orient-chip.com/
Logo ORIENT-CHIP - Shanghai Orient-Chip Technology Co.,LTD.

OCP8153 Datasheet(HTML) 1 Page - Shanghai Orient-Chip Technology Co.,LTD.

  OCP8153 Datasheet HTML 1Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8153 Datasheet HTML 2Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8153 Datasheet HTML 3Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8153 Datasheet HTML 4Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8153 Datasheet HTML 5Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8153 Datasheet HTML 6Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8153 Datasheet HTML 7Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8153 Datasheet HTML 8Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8153 Datasheet HTML 9Page - Shanghai Orient-Chip Technology Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Page 1 - 9
Ver 1.1 April. 01, 2013
OCP8153
高精度原边反馈恒流转换器
典型应用电路
图一,
OCP8153 典型应用电路
概述
OCP8153 是一款集成了 650V MOSFET 高精度离
线式
LED 恒流驱动芯片,可应用于输出功率 10W 以内
的
LED 恒流驱动电源,支持全电压输入 AC85V~265V。
芯片支持封装形式:
DIP-8L,利用原边反馈技术,
无需
TL431、光耦和反馈电路便能实现很好的线电压调
整率和负载调整率,极大的节约了系统成本和尺寸空间。
OCP8153 具备完善的保护功能,其利用 VCC 脚进
行过压检测,一旦检测到过压信号芯片便进入打嗝工作
状态;芯片利用
FB 管脚实现了短路检测,一旦发现短路
信号芯片便会进入较低的工作频率以限制输出功率,同
时芯片还具备
LED 开短路保护、FB 短路保护、欠压锁
定和过温保护功能以保证整个系统在恶劣的工作环境中
安全可靠的工作。
特征
集成
650V 功率 MOSFET
采用原边反馈技术,无需次级反馈电路
无需环路补偿
±3%的恒流精度
支持
AC85V~265V 全电压范围输入
LED 开路保护和短路保护
FB 对地短路保护
芯片过温保护
欠压锁定功能
CS 脚电阻开路保护
工作温度范围:
TA=-40 ~ 85℃
DIP-8L 封装
应用
LED 日光灯
E27、Par 灯、筒灯
LED 球泡灯、射灯
其他
LED 照明


Similar Part No. - OCP8153

ManufacturerPart #DatasheetDescription
logo
Shanghai Orient-Chip Te...
OCP8155 ORIENT-CHIP-OCP8155 Datasheet
265Kb / 8P
High Precision Primary-side Feedback Constant Current Converter
Ver 1.0 April. 01, 2013
OCP8155ND ORIENT-CHIP-OCP8155ND Datasheet
265Kb / 8P
High Precision Primary-side Feedback Constant Current Converter
Ver 1.0 April. 01, 2013
More results

Similar Description - OCP8153

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tianyuan Semic...
TP8205 TPOWER-TP8205 Datasheet
584Kb / 6P
High precision double winding primary feedback LED constant current driver chip
TP8207 TPOWER-TP8207 Datasheet
584Kb / 6P
High precision double winding primary feedback LED constant current driver chip
TP8220 TPOWER-TP8220 Datasheet
569Kb / 6P
High precision primary feedback LED constant current driver chip
TP8301 TPOWER-TP8301 Datasheet
581Kb / 6P
High power factor primary side feedback LED constant current driver chip
logo
List of Unclassifed Man...
CR633X ETC-CR633X Datasheet
284Kb / 10P
Primary side control high precision constant current/constant voltage PWM power switch
V3.0
logo
Shanghai Orient-Chip Te...
OCP8155 ORIENT-CHIP-OCP8155 Datasheet
265Kb / 8P
High Precision Primary-side Feedback Constant Current Converter
Ver 1.0 April. 01, 2013
logo
CHIPLINK SEMICONDUCTOR
CL1221 CHIPLINK-CL1221 Datasheet
361Kb / 6P
Primary side control high precision constant current controller
2012-11-27
CL1226 CHIPLINK-CL1226 Datasheet
363Kb / 7P
Primary side control high precision constant current controller
2013-5-22
logo
Wuxi Chipown Micro-elec...
PN8359 CHIPOWN-PN8359 Datasheet
243Kb / 5P
High-precision CC/CV primary-side feedback AC-DC converter
Rev.A
logo
Suzhou Juyuan Microelec...
PL3536 PMICRO-PL3536 Datasheet
278Kb / 8P
High-precision constant voltage/constant current, primary side control
V1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com