Electronic Components Datasheet Search
  English  ▼

X  

OV9120 Datasheet(PDF) 3 Page - OmniVision Technologies, Inc.

Part # OV9120
Description  Horizontal & Vertical Sub-sampling (4:2 & 4:2)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV9120 Datasheet(HTML) 3 Page - OmniVision Technologies, Inc.

  OV9120 Datasheet HTML 1Page - OmniVision Technologies, Inc. OV9120 Datasheet HTML 2Page - OmniVision Technologies, Inc. OV9120 Datasheet HTML 3Page - OmniVision Technologies, Inc. OV9120 Datasheet HTML 4Page - OmniVision Technologies, Inc. OV9120 Datasheet HTML 5Page - OmniVision Technologies, Inc. OV9120 Datasheet HTML 6Page - OmniVision Technologies, Inc. OV9120 Datasheet HTML 7Page - OmniVision Technologies, Inc. OV9120 Datasheet HTML 8Page - OmniVision Technologies, Inc. OV9120 Datasheet HTML 9Page - OmniVision Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
OV9620/OV9120 DATASHEET
OmniVision Technologies, Inc. 930 Thompson Place
Sunnyvale, CA 94085
Doc #DS102
Tel: (408) 733-3030 Fax: (408) 733-3061
Version 2.0
Email: info@ovt.com Website: http://www.ovt.com
Page 2
Description
The OV9620 (color) and OV9120 (black and white) are high-
performance 1.3 mega-pixel CameraChips for digital still
image and video camera products.
Both devices incorporate a 1280x1024(SXGA) image array
and an on-chip 10-bit A/D converter capable of operating at
up to 15 frames per second (FPS) with full resolution.
Proprietary sensor technology utilizes advanced algorithms
to cancel Fixed Pattern Noise (FPN), eliminate smearing, and
drastically reduce blooming. The control registers allow for
flexible control of timing, polarity, and CameraChip operation,
which in turn allow the engineer a great deal of freedom in
product design.
Features
Optical Black Level Calibration
Video or Snapshot Operations
Programmable/Auto Exposure and Gain Control
Programmable/Auto White Balance Control
Horizontal & Vertical Sub-sampling (4:2 & 4:2)
Programmable Image Windowing
Variable Frame Rate Control
On-Chip R/G/B Channel and Luminance Average Counter
Internal/External Frame Synchronization
SCCB Slave Interface
Power on Reset and Power Down Mode
Figure 1. OV9620/OV9120 Pin Diagram
OV9620
OV9120
48 LCC
(top View)
15
3
7
9
11
17
15
13
31
39
37
35
33
41
43
45
47
NC
VSYNC
CHSYNC
HREF
DOGND
DOVDD
D9
D8
D7
D6
D5
PCLK
SCCB_E
PWDN
FREX
FSIN
VcCHG
AVDD
AGND
ASUB
RESET
VGA
EXPSTB
SRAMT
19
21
23
25
27
29
Applications
. Digital Still Camera
. PC Camera/Dual Mode
. Video Conference
. Machine Vision
. Security Cameras
. Biometrics
Key Specifications
Array Element(SXGA)
(VGA)
1280x1024
640x480
Pixel Size
5.2
µm x 5.2µm
Image Area
6.66mm x 5.32mm
Lens Size
1/2”
Output
10-bit Digital RGB Raw Data
Max Frames/Sec
(SXGA)
(VGA)
15FPS
30 FPS
Electronics Exposure
(SXGA)
(VGA)
Up to 1050:1
Up to 500:1
Scan Mode
Progressive
Gamma Correction
N/A
Sensitivity
1V/Lux-sec (B/W)
S/N Ratio
54 dB
FPN
< 0.03% VPP
Dark Current
28mV/s
Dynamic Range
60 dB (due to ADC limitations)
Power Supply
3.3VDC and 2.5VDC (+/- 5%)
Power Requirements
< 50mA Active
< 10
µA Standby
Package
48 pin LCC
Ordering Information
Product
Package
Description
OV9620
48 LCC
0.560 in
2
COLOR, SXGA,
VGA, Digital,
SCCB interface
OV9120
48 LCC
0.560 in
2
B/W, SXGA,
VGA, Digital,
SCCB interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com