Electronic Components Datasheet Search
  English  ▼

X  

OV9120 Datasheet(PDF) 7 Page - OmniVision Technologies, Inc.

Part # OV9120
Description  Horizontal & Vertical Sub-sampling (4:2 & 4:2)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV9120 Datasheet(HTML) 7 Page - OmniVision Technologies, Inc.

Back Button OV9120 Datasheet HTML 3Page - OmniVision Technologies, Inc. OV9120 Datasheet HTML 4Page - OmniVision Technologies, Inc. OV9120 Datasheet HTML 5Page - OmniVision Technologies, Inc. OV9120 Datasheet HTML 6Page - OmniVision Technologies, Inc. OV9120 Datasheet HTML 7Page - OmniVision Technologies, Inc. OV9120 Datasheet HTML 8Page - OmniVision Technologies, Inc. OV9120 Datasheet HTML 9Page - OmniVision Technologies, Inc. OV9120 Datasheet HTML 10Page - OmniVision Technologies, Inc. OV9120 Datasheet HTML 11Page - OmniVision Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
DATASHEET
OV9620/OV9120 Datasheet
Doc #DS102
© OmniVision Technologies Inc., 2002, version 2.0
Page 6
Function Descriptions
This section describes the functions of the OV9620/9120.
Figure 3. OV9620/OV9120 Block Diagram
Timing Generator and Control Logic
Image Array
(1312 X 1036)
Column Sample/Hold
AMP
Channel
Balance
10bit A/D
SCCB
Slave
Interface
Control
Register
Bank
Gain
Control
Balance
Control
PLL
D[9:0]
PCLK
HREF
HSYNC
VSYNC
Image Capture and Processing Flow
The OV9620/OV9120 CameraChip is a 1/2-inch format CMOS
imaging device. The sensor contains 1,359,232 pixels. Figure 4
shows the color filter layout.
Figure 4. Sensor array region color filter layout
R
G
R
G
R
G
R
G
R
G
R
G
G
B
G
B
G
B
G
B
G
B
G
B
R
G
R
G
R
G
R
G
R
G
R
G
G
B
G
B
G
B
G
B
G
B
G
B
R
G
R
G
R
G
R
G
R
G
R
G
G
B
G
B
G
B
G
B
G
B
G
B
R
G
R
G
R
G
R
G
R
G
R
G
G
B
G
B
G
B
G
B
G
B
G
B
R
G
R
G
R
G
R
G
R
G
R
G
G
B
G
B
G
B
G
B
G
B
G
B
R
G
R
G
R
G
R
G
R
G
R
G
G
B
G
B
G
B
G
B
G
B
G
B
R
G
R
G
R
G
R
G
R
G
R
G
G
B
G
B
G
B
G
B
G
B
G
B
0
1
2
3
4
5
6
7
8
9
10
11
1035
1034
1033
Column
dummy
dummy
dummy
dummy
dummy
dummy
Optical
black
dummy
dummy
dummy
dummy
1032
R
o
w
The color filters are Bayer pattern. The primary color BG/GR ar-
ray is arranged in line-alternating fashion. Of the 1,359,232
pixels, 1,310,720 are active. The other pixels are used for black
level calibration and interpolation.
The sensor array design is based on a field integration read-out
system with line-by-line transfer and an electronic shutter with a
synchronous pixel read-out scheme.
When the column sample/hold circuit has sampled one row of
pixels, the pixel data will shift out one-by-one into an analog
amplifier. The amplifier gain can either be programmed by the
user or controlled by the internal automatic gain control circuit
(AGC). The gain adjustment range is 0-24db.
The amplified signals are then balanced with a channel balance
block. In this block, Red/Blue channel gain is increased or
decreased to match Green channel luminance level and gamma
correction is performed. The adjustment range is
±54db. This
Function can be done manually by the user or with the internal
automatic white balance controller (AWB).
The balanced signal then will be digitized by the on-chip 10-bit
ADC. It can operate at up to 12MHz, and is fully synchronous to
the pixel clock. The actual conversion rate is determined by the
frame rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com