Electronic Components Datasheet Search
  English  ▼

X  

LPD6803 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LPD6803
Description  3channel driver output, maxim current per channel is 45mA, LED light voltage can reach 12V.
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LPD6803 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LPD6803 Datasheet HTML 1Page - List of Unclassifed Manufacturers LPD6803 Datasheet HTML 2Page - List of Unclassifed Manufacturers LPD6803 Datasheet HTML 3Page - List of Unclassifed Manufacturers LPD6803 Datasheet HTML 4Page - List of Unclassifed Manufacturers LPD6803 Datasheet HTML 5Page - List of Unclassifed Manufacturers LPD6803 Datasheet HTML 6Page - List of Unclassifed Manufacturers LPD6803 Datasheet HTML 7Page - List of Unclassifed Manufacturers LPD6803 Datasheet HTML 8Page - List of Unclassifed Manufacturers LPD6803 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
LPD6803 datasheet
2
LPD6803
LPD6803
LPD6803
LPD6803
footprint
footprint
footprint
footprint
function
function
function
function
description
description
description
description
:::
:
Function
Function
Function
Function
Block:
Block:
Block:
Block:
Foot
Name
Function
1 DIN
Serial data input, built-in voltage pull-
up
2 GMODE
Grey-level regulate mode: GMODE=1,adapt
line modulate,GMODE=0,adapt re-Gama 256
grade non-line regulate,built-in voltage
pull-up
3 OMODE
Control output polarity: OMODE=1, output
is in-constant current/voltage drive
mode,CMODE=0, output is out drive
mode,voltage built-in pull-up
13 CMODE
choose inside grey clock GCLK, CMODE=0,
GCLK=DCLK, CMODE=1, GCLK= inside
oscillator output, built-in pull-up
4 DCLK
Serial data clock input, built-in pull-up
5,7,11
OUT1,OUT2,OUT3
3-way driver output
6,8,10
FB1,FB2,FB3
Feedback input in constant current state
15 DOUT
Serial data output, after inside strongly
drive
12 DCLK0
Serial clock output, after inside pll and
strongly drive
16 VCC
LDO power, range is 4.5v---8v
14 VOUT
when VCC>5V, 5V stable voltage output,
when VCC<5V, VOUT=VCC, can be used as
inside working voltage, suggest outside
contact a 0.01uF----0.1uF capacity
9 GND
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com