Electronic Components Datasheet Search
  English  ▼

X  

LPD6803 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # LPD6803
Description  3channel driver output, maxim current per channel is 45mA, LED light voltage can reach 12V.
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LPD6803 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button LPD6803 Datasheet HTML 4Page - List of Unclassifed Manufacturers LPD6803 Datasheet HTML 5Page - List of Unclassifed Manufacturers LPD6803 Datasheet HTML 6Page - List of Unclassifed Manufacturers LPD6803 Datasheet HTML 7Page - List of Unclassifed Manufacturers LPD6803 Datasheet HTML 8Page - List of Unclassifed Manufacturers LPD6803 Datasheet HTML 9Page - List of Unclassifed Manufacturers LPD6803 Datasheet HTML 10Page - List of Unclassifed Manufacturers LPD6803 Datasheet HTML 11Page - List of Unclassifed Manufacturers LPD6803 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
LPD6803 datasheet
8
This mode (OMODE=high level voltage or dangle) is suitable in several LEDs and
VDD is higher than 12V, its essence is to higher capability of withstand
voltage in the
time of keeping characteristic of constant current in the circuit.
Current passed LED : ILED= Io*β/(β+1)
Here Io is current value related to chart 1, transistor is working in amplify
area,
Βis amplify multiple, whenβ is bigger, above formula can be near equal to :
Iled = Io (bias resistance RB can be get as 5k)
Highest capability of withstand voltage VDD is decided by VCEO on NPN
transistor, normally is 25V or above.
Linking signal driver and link:
Considering of that the distance between of chips may be long long, DOUT and
DCLKO
Output terminal is designed to push-pull strong drive circuit, after testing,
it can drive 6meters length signal line when clock is 2M, to prevent signal
echo, normally, pls serial a 50Ω resistance at DOUT and DCLKO, then output to
next step.
Control circuit and software reference design:
Via set CMODE, LPD6803 grey level counter can adapt DCLK as clock( CMODE=0),
Also can adapt built-in 1.2M(error ±15%)osscilator output of as clock(CMODE=1
Or dangle), prior one is normally used in those based on CPLD/FPGA high cost
control system, later one is often used in low cost MCU control system.
In CMODE=1 mode, MCU write display data into chip via SPI or two GPIO interface
line,
then each chip will automatically produce drive output with related duty cycle
according to input grey level value, after data transfered, MCU can deal with



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com