Electronic Components Datasheet Search
  English  ▼

X  

LT1374IT7 Datasheet(PDF) 21 Page - Linear Technology

Part # LT1374IT7
Description  4.5A, 500kHz Step-Down Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1374IT7 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT1374IT7 Datasheet HTML 17Page - Linear Technology LT1374IT7 Datasheet HTML 18Page - Linear Technology LT1374IT7 Datasheet HTML 19Page - Linear Technology LT1374IT7 Datasheet HTML 20Page - Linear Technology LT1374IT7 Datasheet HTML 21Page - Linear Technology LT1374IT7 Datasheet HTML 22Page - Linear Technology LT1374IT7 Datasheet HTML 23Page - Linear Technology LT1374IT7 Datasheet HTML 24Page - Linear Technology LT1374IT7 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
21
LT1374
1374fb
APPLICATIONS INFORMATION
THERMAL CALCULATIONS
Power dissipation in the LT1374 chip comes from four
sources: switch DC loss, switch AC loss, boost circuit
current, and input quiescent current. The following formu-
las show how to calculate each of these losses. These
formulas assume continuous mode operation, so they
should not be used for calculating efficiency at light load
currents.
Switch loss:
P
RI
V
V
ns I
V
f
SW
SW OUT
OUT
IN
OUT
IN
=
() ( )
+
()( )( )
2
24
Boost current loss:
P
VI
V
BOOST
OUT
OUT
IN
=
()
2
50
/
Quiescent current loss:
PV
V
V
V
Q
IN
OUT
OUT
IN
=
()+ ()+

()
0 001
0 005
0 002
2
..
.
RSW = Switch resistance (≈ 0.07)
24ns = Equivalent switch current/voltage overlap time
f = Switch frequency
Example: with VIN = 10V, VOUT = 5V and IOUT = 3A:
P
W
PW
PW
SW
BOOST
Q
= (
)() ()
+ 
()( )
=+
=
= () (
)
=
=
()+ ()+() ( ) =
−
007 3
5
10
24 10
3 10 500 10
0 32
0 36
0 68
53 50
10
015
10 0 001
5 0 005
5
0 002
10
004
2
93
2
2
.
••
..
.
/
.
..
.
.
Total power dissipation is 0.68 + 0.15 + 0.04 = 0.87W.
Thermal resistance for LT1374 package is influenced by
the presence of internal or backside planes. With a full
plane under the 16-lead TSSOP package, thermal resis-
tance will be about 40
°C/W. To calculate die temperature,
use the proper thermal resistance number for the desired
package and add in worst-case ambient temperature:
TJ = TA + θJA (PTOT)
With the TSSOP16 package (
θJA = 40°C/W), at an ambient
temperature of 50
°C,
TJ = 50 + 40 (0.87) = 85°C
For the DD package with a good copper plane under the
device, thermal resistance will be about 30
°C/W. For the
conditions above:
TJ = 50 + 30 (0.87) = 76°C
Die temperature is highest at low input voltage, so use
lowest continuous input operating voltage for thermal
calculations.
FREQUENCY COMPENSATION
Loop frequency compensation of switching regulators
can be a rather complicated problem because the reactive
components used to achieve high efficiency also intro-
duce multiple poles into the feedback loop. The inductor
and output capacitor on a conventional step-down con-
verter actually form a resonant tank circuit that can exhibit
peaking and a rapid 180
° phase shift at the resonant
frequency. By contrast, the LT1374 uses a “current mode”
architecture to help alleviate phase shift created by the
inductor. The basic connections are shown in Figure 9.
Figure 10 shows a Bode plot of the phase and gain of the
power section of the LT1374, measured from the VC pin to
the output. Gain is set by the 5.3A/V transconductance of
the LT1374 power section and the effective complex
impedance from output to ground. Gain rolls off smoothly
above the 600Hz pole frequency set by the 100
µF output
capacitor. Phase drop is limited to about 70
°. Phase
recovers and gain levels off at the zero frequency (
≈16kHz)
set by capacitor ESR (0.1
Ω).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com