Electronic Components Datasheet Search
  English  ▼

X  

LT1374IT7 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1374IT7
Description  4.5A, 500kHz Step-Down Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1374IT7 Datasheet(HTML) 3 Page - Linear Technology

  LT1374IT7 Datasheet HTML 1Page - Linear Technology LT1374IT7 Datasheet HTML 2Page - Linear Technology LT1374IT7 Datasheet HTML 3Page - Linear Technology LT1374IT7 Datasheet HTML 4Page - Linear Technology LT1374IT7 Datasheet HTML 5Page - Linear Technology LT1374IT7 Datasheet HTML 6Page - Linear Technology LT1374IT7 Datasheet HTML 7Page - Linear Technology LT1374IT7 Datasheet HTML 8Page - Linear Technology LT1374IT7 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
3
LT1374
1374fb
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Feedback Voltage (Adjustable)
2.39
2.42
2.45
V
All Conditions
q
2.36
2.48
V
Sense Voltage (Fixed 5V)
4.94
5.0
5.06
V
All Conditions
q
4.90
5.10
V
SENSE Pin Resistance
710
14
k
Ω
Reference Voltage Line Regulation
5V
≤ VIN ≤ 25V (5V ≤ VIN ≤ 32V for LT1374HV)
0.01
0.03
%/V
Feedback Input Bias Current
q
0.5
2
µA
Error Amplifier Voltage Gain
(Notes 2, 8)
200
400
Error Amplifier Transconductance
∆I (VC) = ±10µA (Note 8)
1500
2000
2700
µMho
q
1000
3100
µMho
VC Pin to Switch Current Transconductance
5.3
A/ V
Error Amplifier Source Current
VFB = 2.1V or VSENSE = 4.4V
q
140
225
320
µA
Error Amplifier Sink Current
VFB = 2.7V or VSENSE = 5.6V
q
140
225
320
µA
VC Pin Switching Threshold
Duty Cycle = 0
0.9
V
VC Pin High Clamp
2.1
V
Switch Current Limit
VC Open, VFB = 2.1V or VSENSE = 4.4V, DC ≤ 50%
q
4.5
6
8.5
A
Slope Compensation (Note 9)
DC = 80%
0.8
A
Switch On Resistance (Note 7)
ISW = 4.5A
0.07
0.1
Ω
q
0.13
Ω
Maximum Switch Duty Cycle
VFB = 2.1V or VSENSE = 4.4V
90
93
%
q
86
93
%
Switch Frequency
VC Set to Give 50% Duty Cycle
460
500
540
kHz
q
440
560
kHz
Switch Frequency Line Regulation
5V
≤ VIN ≤ 25V, (5V ≤ VIN ≤ 32V for LT1374HV)
q
0
0.15
%/ V
Frequency Shifting Threshold on FB Pin
∆f = 10kHz
q
0.8
1.0
1.3
V
Minimum Input Voltage (Note 3)
q
5.0
5.5
V
Minimum Boost Voltage (Note 4)
ISW ≤ 4.5A
q
2.3
3.0
V
Boost Current (Note 5)
ISW = 1A
q
20
35
mA
ISW = 4.5A
q
90
140
mA
VIN Supply Current (Note 6)
VBIAS = 5V
q
0.9
1.4
mA
BIAS Supply Current (Note 6)
VBIAS = 5V
q
3.2
4.0
mA
Shutdown Supply Current
VSHDN = 0V, VIN ≤ 25V, VSW = 0V, VC Open
20
50
µA
q
75
µA
VSHDN = 0V, VIN ≤ 32V, VSW = 0V, VC Open
30
75
µA
q
100
µA
Lockout Threshold
VC Open
q
2.3
2.38
2.46
V
Shutdown Thresholds
VC Open Device Shutting Down
q
0.13
0.37
0.60
V
Device Starting Up
q
0.25
0.45
0.7
V
Synchronization Threshold
q
1.5
2.2
V
Synchronizing Range
580
1000
kHz
SYNC Pin Input Resistance
40
k
Ω
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Gain is measured with a VC swing equal to 200mV above the
switching threshold level to 200mV below the upper clamp level.
Note 3: Minimum input voltage is not measured directly, but is guaranteed
by other tests. It is defined as the voltage where internal bias lines are still
regulated so that the reference voltage and oscillator frequency remain
constant. Actual minimum input voltage to maintain a regulated output will
depend on output voltage and load current. See Applications Information.
Note 4: This is the minimum voltage across the boost capacitor needed to
guarantee full saturation of the internal power switch.
The q denotes specifications which apply over the full operating tempera-
ture range, otherwise specifications are at TJ = 25°C. VIN = 15V, VC = 1.5V, Boost = VIN + 5V, switch open, unless otherwise noted.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com