Electronic Components Datasheet Search
  English  ▼

X  

AS324AGE1 Datasheet(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

Part # AS324AGE1
Description  LOW POWER QUAD OPERATIONAL AMPLIFIERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AS324AGE1 Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AS324AGE1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AS324AGE1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AS324AGE1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AS324AGE1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AS324AGE1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AS324AGE1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AS324AGE1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AS324AGE1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AS324AGE1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
LOW POWER QUAD OPERATIONAL AMPLIFIERS
AS324/324A
Data Sheet
5
Apr. 2007 Rev. 1.6
BCD Semiconductor Manufacturing Limited
Typical Performance Characteristics
0
5
10
15
0
5
10
15
POSITIVE
NEGATIVE
Power Supply Voltage (+V
DC
)
Figure 4. Input Voltage Range
Figure 5. Input Current
Figure 6. Supply Current
Figure 7. Voltage Gain
0
5
10
15
20
25
30
35
40
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Supply Voltage (V)
-25
0
25
50
75
100
125
0
3
6
9
12
15
18
21
24
27
30
Temperature (
oC)
0
8
16
24
32
40
60
75
90
105
120
Power Supply Voltage (V)
R
L
=2KΩ
R
L
=20KΩ
Electrical Characteristics (Continued)
Note 3: The input common-mode voltage of either input signal voltage should not be allowed to go negatively by
more than 0.3V (at 25oC). The upper end of the common-mode voltage range is VCC -1.5V (at 25
oC), but either or
both inputs can go to +36V without damages, independent of the magnitude of the VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com