Electronic Components Datasheet Search
  English  ▼

X  

AS324AGE1 Datasheet(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

Part # AS324AGE1
Description  LOW POWER QUAD OPERATIONAL AMPLIFIERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AS324AGE1 Datasheet(HTML) 6 Page - BCD Semiconductor Manufacturing Limited

Back Button AS324AGE1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AS324AGE1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AS324AGE1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AS324AGE1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AS324AGE1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AS324AGE1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AS324AGE1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AS324AGE1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AS324AGE1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
LOW POWER QUAD OPERATIONAL AMPLIFIERS
AS324/324A
Data Sheet
6
Apr. 2007 Rev. 1.6
BCD Semiconductor Manufacturing Limited
Typical Performance Characteristics (Continued)
Figure 8. Open Loop Frequency Response
Figure 9. Voltage Follower Pulse Response
Time (
µs)
Figure 10. Voltage Follower Pulse Response
(Small Signal)
Time (
µs)
Figure 11. Large Signal Frequency Response
1
10
100
1k
10k
100k
1M
0
10
20
30
40
50
60
70
80
90
100
110
120
Frequency (Hz)
1k
10k
100k
1M
0
5
10
15
20
Frequency (Hz)
0
1
2
3
1
2
3
4
0
0
4
8
1216
20
2428
32
36
40
0
1
23
45
6
7
8
9
10
0
50
100
150
200
250
300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com