Electronic Components Datasheet Search
  English  ▼

X  

MAAMSS0001SMB Datasheet(PDF) 3 Page - Tyco Electronics

Part # MAAMSS0001SMB
Description  Low Noise CATV Amplifier 50 - 870 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAMSS0001SMB Datasheet(HTML) 3 Page - Tyco Electronics

  MAAMSS0001SMB Datasheet HTML 1Page - Tyco Electronics MAAMSS0001SMB Datasheet HTML 2Page - Tyco Electronics MAAMSS0001SMB Datasheet HTML 3Page - Tyco Electronics MAAMSS0001SMB Datasheet HTML 4Page - Tyco Electronics MAAMSS0001SMB Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Low Noise CATV Amplifier, 50 - 870 MHz
MAAMSS0001
V2
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s)
or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
North America: Tel. (800) 366-2266
Asia/Pacific: Tel. +81-44-844-8296, Fax +81-44-844-8298
Europe: Tel. +44 (1908) 574 200, Fax +44 (1908) 574 300
3
Input Return Loss vs. Frequency over
Temperature
Noise Figure vs. Frequency, 25°C
Gain vs. Frequency to 3 GHz over
Temperature
Gain vs. Frequency over Temperature
OIP3 vs. PIN at 400 MHz, 25°C
Output Return Loss vs. Frequency over
Temperature
Typical Performance Curves
-30
-25
-20
-15
-10
-5
0
0
250
500
750
1000
-40 °C
+25 °C
+85 °C
Frequency (MHz)
-30
-25
-20
-15
-10
-5
0
0
250
500
750
1000
-40 °C
+25 °C
+85 °C
Frequency (MHz)
30
31
32
33
34
35
36
-8
-6
-4
-2
0
P
IN
(dBm)
0
1
2
3
4
5
0
250
500
750
1000
Frequency (MHz)
10.5
11.0
11.5
12.0
12.5
13.0
13.5
0
250
500
750
1000
25°C
85°C
-40°C
Frequency (MHz)
-10
-5
0
5
10
15
20
0
500
1000
1500
2000
2500
3000
25°C
85°C
-40°C
Frequency (MHz)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com