Electronic Components Datasheet Search
  English  ▼

X  

MAAMSS0001SMB Datasheet(PDF) 4 Page - Tyco Electronics

Part # MAAMSS0001SMB
Description  Low Noise CATV Amplifier 50 - 870 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAMSS0001SMB Datasheet(HTML) 4 Page - Tyco Electronics

  MAAMSS0001SMB Datasheet HTML 1Page - Tyco Electronics MAAMSS0001SMB Datasheet HTML 2Page - Tyco Electronics MAAMSS0001SMB Datasheet HTML 3Page - Tyco Electronics MAAMSS0001SMB Datasheet HTML 4Page - Tyco Electronics MAAMSS0001SMB Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Low Noise CATV Amplifier, 50 - 870 MHz
MAAMSS0001
V2
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s)
or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
North America: Tel. (800) 366-2266
Asia/Pacific: Tel. +81-44-844-8296, Fax +81-44-844-8298
Europe: Tel. +44 (1908) 574 200, Fax +44 (1908) 574 300
4
Typical Performance Curves (continued)
Gain vs POUT at 400 MHz vs. Temperature
SOICN-16 2
9
10
11
12
13
14
19
20
21
22
23
24
85°C
25°C
-40°C
P
OUT
(dBm)
2. All dimensions shown as inches/mm.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com