Electronic Components Datasheet Search
  English  ▼

X  

MAAMSS0048 Datasheet(PDF) 10 Page - Tyco Electronics

Part # MAAMSS0048
Description  RF Driver Amplifier 250 - 4000 MHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAMSS0048 Datasheet(HTML) 10 Page - Tyco Electronics

Back Button MAAMSS0048 Datasheet HTML 6Page - Tyco Electronics MAAMSS0048 Datasheet HTML 7Page - Tyco Electronics MAAMSS0048 Datasheet HTML 8Page - Tyco Electronics MAAMSS0048 Datasheet HTML 9Page - Tyco Electronics MAAMSS0048 Datasheet HTML 10Page - Tyco Electronics MAAMSS0048 Datasheet HTML 11Page - Tyco Electronics MAAMSS0048 Datasheet HTML 12Page - Tyco Electronics MAAMSS0048 Datasheet HTML 13Page - Tyco Electronics MAAMSS0048 Datasheet HTML 14Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
RF Driver Amplifier
250 - 4000 MHz
MAAMSS0048
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V4
10
RoHS
Compliant
0
10
20
30
40
50
0
2
4
6
8
10
12
14
16
18
20
22
+25 C
Output Power (dBm)
-20
-15
-10
-5
0
2.6
2.65
2.7
2.75
2.8
+25 C
Frequency (GHz)
0
5
10
15
20
25
30
0
5
10
15
20
25
30
+25 C
Output Power (dBm)
10
15
20
25
30
2.6
2.65
2.7
2.75
2.8
+25 C
Frequency (GHz)
-20
-15
-10
-5
0
2.6
2.65
2.7
2.75
2.8
+25 C
Frequency (GHz)
Typical Performance Curves, 2700 MHz Configuration
Gain
Input Return Loss
Output Return Loss
P1dB
Output IP3
Applications Section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com