Electronic Components Datasheet Search
  English  ▼

X  

MAAMSS0048 Datasheet(PDF) 11 Page - Tyco Electronics

Part # MAAMSS0048
Description  RF Driver Amplifier 250 - 4000 MHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAMSS0048 Datasheet(HTML) 11 Page - Tyco Electronics

Back Button MAAMSS0048 Datasheet HTML 6Page - Tyco Electronics MAAMSS0048 Datasheet HTML 7Page - Tyco Electronics MAAMSS0048 Datasheet HTML 8Page - Tyco Electronics MAAMSS0048 Datasheet HTML 9Page - Tyco Electronics MAAMSS0048 Datasheet HTML 10Page - Tyco Electronics MAAMSS0048 Datasheet HTML 11Page - Tyco Electronics MAAMSS0048 Datasheet HTML 12Page - Tyco Electronics MAAMSS0048 Datasheet HTML 13Page - Tyco Electronics MAAMSS0048 Datasheet HTML 14Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
RF Driver Amplifier
250 - 4000 MHz
MAAMSS0048
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V4
11
RoHS
Compliant
Typical Performance Curves, 3500 MHz Configuration
Gain
Input Return Loss
Output Return Loss
P1dB
Output IP3
Applications Section
0
10
20
30
40
50
0
2
4
6
8
10
12
14
16
18
20
22
+25 C
Output Power (dBm)
0
5
10
15
3.4
3.45
3.5
3.55
3.6
Frequency (GHz)
-20
-15
-10
-5
0
3.43.453.5
3.55
3.6
Frequency (GHz)
-20
-15
-10
-5
0
3.43.453.5
3.55
3.6
Frequency (GHz)
0
5
10
15
5
101520
25
30
Output Power (dBm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com