Electronic Components Datasheet Search
  English  ▼

X  

MAAMSS0070 Datasheet(PDF) 12 Page - Tyco Electronics

Part # MAAMSS0070
Description  High Dynamic Range Amplifier 250 - 3800 MHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAMSS0070 Datasheet(HTML) 12 Page - Tyco Electronics

Back Button MAAMSS0070 Datasheet HTML 4Page - Tyco Electronics MAAMSS0070 Datasheet HTML 5Page - Tyco Electronics MAAMSS0070 Datasheet HTML 6Page - Tyco Electronics MAAMSS0070 Datasheet HTML 7Page - Tyco Electronics MAAMSS0070 Datasheet HTML 8Page - Tyco Electronics MAAMSS0070 Datasheet HTML 9Page - Tyco Electronics MAAMSS0070 Datasheet HTML 10Page - Tyco Electronics MAAMSS0070 Datasheet HTML 11Page - Tyco Electronics MAAMSS0070 Datasheet HTML 12Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
High Dynamic Range Amplifier
250 - 3800 MHz
MAAMSS0070
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V4
12
RoHS
Compliant
Typical Performance Curves, 3500 MHz Configuration
ICC
Applications Section
100
125
150
175
200
0
5
10
15
20
25
+25°C
-40°C
+85°C
Output Power (dBm)
3500 MHz Schematic
3500 MHz PCB Layout
Parts List
Part
Value
Case Style
Manufacturer
C1, C5
39 pF
0402
Murata
C2
1.2 pF
0402
Murata
C3
1000 pF
0402
Murata
C4
0.10 µF
0402
Murata
L1
1 nH
0402
Coilcraft
L2
12 nH
0402
Coilcraft
J1, J2
Jumper
0402
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com