Electronic Components Datasheet Search
  English  ▼

X  

MAAMSS0070 Datasheet(PDF) 5 Page - Tyco Electronics

Part # MAAMSS0070
Description  High Dynamic Range Amplifier 250 - 3800 MHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAMSS0070 Datasheet(HTML) 5 Page - Tyco Electronics

  MAAMSS0070 Datasheet HTML 1Page - Tyco Electronics MAAMSS0070 Datasheet HTML 2Page - Tyco Electronics MAAMSS0070 Datasheet HTML 3Page - Tyco Electronics MAAMSS0070 Datasheet HTML 4Page - Tyco Electronics MAAMSS0070 Datasheet HTML 5Page - Tyco Electronics MAAMSS0070 Datasheet HTML 6Page - Tyco Electronics MAAMSS0070 Datasheet HTML 7Page - Tyco Electronics MAAMSS0070 Datasheet HTML 8Page - Tyco Electronics MAAMSS0070 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
High Dynamic Range Amplifier
250 - 3800 MHz
MAAMSS0070
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V4
5
RoHS
Compliant
Typical Performance Curves, 900 MHz Configuration
Gain
Applications Section
Input Return Loss
Output Return Loss
Noise Figure
P1dB
Output IP3
-25
-20
-15
-10
-5
0
0.80
0.85
0.90
0.95
1.00
+25°C
-40°C
+85°C
Frequency (GHz)
0
5
10
15
20
0.80
0.85
0.90
0.95
1.00
+25°C
-40°C
+85°C
Frequency (GHz)
0
10
20
30
40
50
4
6
8
101214161820
+25°C
-40°C
+85°C
Output Power (dBm)/Tone
0
1
2
3
4
5
6
0.80
0.85
0.90
0.95
1.00
+25°C
-40°C
+85°C
Frequency (GHz)
-25
-20
-15
-10
-5
0
0.80
0.85
0.90
0.95
1.00
+25°C
-40°C
+85°C
Frequency (GHz)
0
5
10
15
20
25
30
0
5
10
15
20
25
+25°C
-40°C
+85°C
Output Power (dBm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com