Electronic Components Datasheet Search
  English  ▼

X  

R448 Datasheet(PDF) 13 Page - Nidec Motor Corporation.

Part # R448
Description  Operating temperature: - 30°C to 70°C
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIDEC [Nidec Motor Corporation.]
Direct Link  https://acim.nidec.com
Logo NIDEC - Nidec Motor Corporation.

R448 Datasheet(HTML) 13 Page - Nidec Motor Corporation.

Back Button R448 Datasheet HTML 8Page - Nidec Motor Corporation. R448 Datasheet HTML 9Page - Nidec Motor Corporation. R448 Datasheet HTML 10Page - Nidec Motor Corporation. R448 Datasheet HTML 11Page - Nidec Motor Corporation. R448 Datasheet HTML 12Page - Nidec Motor Corporation. R448 Datasheet HTML 13Page - Nidec Motor Corporation. R448 Datasheet HTML 14Page - Nidec Motor Corporation. R448 Datasheet HTML 15Page - Nidec Motor Corporation. R448 Datasheet HTML 16Page - Nidec Motor Corporation.  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Installation and maintenance
R448 & R448 V50
A.V.R.
3972 en - 05.2008 / e
LEROY-SOMER
13
Open switch (D) : the excitation current
should increase to its preset ceiling, remain
at that level for
≥ 1 second in AREP or 10
seconds in PMG and then drop to < 1A.
To reset, switch off the power supply by
opening switch (A). Reconnect the AVR to
the alternator and adjust the reference
voltage via P2 to obtain the rated voltage.
(*): In some countries it is a legal
requirement to have a short-circuit current,
so as to offer discriminating protection.
4.2.3 - Special type of use
Excitation circuit E+, E- must not be left
open when the machine is running :
AVR damage will occur.
4.2.3.1 - R448 field weakening (SHUNT)
The exciter is switched off by disconnecting
the AVR power supply (1 wire - X1 or X2).
Contact rating 16 A - 250V A.C.
4.2.3.2 - R448 field weakening (AREP/
PMG)
The exciter is switched off by disconnecting
the AVR power supply (1 wire on each
auxiliary winding) - contact rating 16 A -
250V A.C.
Connection is identical for resetting the
AVR internal protection.
In case of using the de-excitation,
provide a forced excitation.
4.2.3.3 - R448 field forcing
WARNING
WARNING
X2
Z1
X1
Z2
E+
E-
X2
Z1
X1
Z2
E+
E-
Applications
B volts
Time t
Guaranteed voltage build-up
12 (1A)
1 - 2 s
Parallel operation, de-energized
12 (1A)
1 - 2 s
Parallel operation, at standstill
12 (1A)
5 - 10 s
Frequency starting
12 (1A)
5 - 10 s
Sustained voltage on overload
12 (1A)
5 - 10 s
X2
Z1
X1
Z2
E+
E-
Battery (B Volt)
+
-
t
(400V - 10A)
Exciter field
Diode
t
B Volt
Forced excitation
Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com