Electronic Components Datasheet Search
  English  ▼

X  

R448 Datasheet(PDF) 5 Page - Nidec Motor Corporation.

Part # R448
Description  Operating temperature: - 30°C to 70°C
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIDEC [Nidec Motor Corporation.]
Direct Link  https://acim.nidec.com
Logo NIDEC - Nidec Motor Corporation.

R448 Datasheet(HTML) 5 Page - Nidec Motor Corporation.

  R448 Datasheet HTML 1Page - Nidec Motor Corporation. R448 Datasheet HTML 2Page - Nidec Motor Corporation. R448 Datasheet HTML 3Page - Nidec Motor Corporation. R448 Datasheet HTML 4Page - Nidec Motor Corporation. R448 Datasheet HTML 5Page - Nidec Motor Corporation. R448 Datasheet HTML 6Page - Nidec Motor Corporation. R448 Datasheet HTML 7Page - Nidec Motor Corporation. R448 Datasheet HTML 8Page - Nidec Motor Corporation. R448 Datasheet HTML 9Page - Nidec Motor Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Installation and maintenance
R448 & R448 V50
A.V.R.
3972 en - 05.2008 / e
LEROY-SOMER
5
2 - SUPPLY
2.1 - AREP excitation system
For both AREP & PMG excitation systems,
the alternator voltage regulator is the R
448.
With AREP excitation, the R 448 electronic
AVR is powered by two auxiliary windings
which are independent of the voltage
match circuit.
The first winding has a voltage in proportion
to that of the alternator (characteristic
Shunt), the second has a voltage in
proportion to the stator current (compound
characteristic: Booster effect).
The power supply voltage is rectified and
filtered before being used by the AVR
monitoring transistor.
X2
X1 Z2 E+ E- 0V 110 220 380
Z1
T1
T2
T3
T4
T5
T6
5+
6-
T7
T8
T9
T10
T11
T12
R 448
F1
ST5
P5
ST11
ST2
P3
AREP SYSTEM
Field
Armature
MAIN FIELD
Slow fuse
250V 10 A
with LAM
without LAM
Excitation
ceiling
knee-point: 65 Hz
open
Response
time
normal
fast
Stability
according voltage
10 Yellow
11 Red
9
Green
12 Black
Aux. windings
STATOR : 6 wires (marked T1 to T6)
STATOR : 12 wires (marked T1 to T12)
ST6
ST1
46.2/47.2
49.1
P2
No ST6 jumper
for R448 V50
4 x holes Ø 5.8
(175 x 115 mm)
140 mm
R731
Option
ST4 Option
T.I.
Option
S1
P1
Ph.1
P2
S2
Voltage
Single-
phase
detection
External potentiometer
for adjusting the voltage
in 3-ph. detection ST1 open
3-ph. detection
ST9
AREP/SHUNT
PMG
ST3
50Hz
60Hz
ST10
13 %
LAM
25 %
P1
Frequency
Quad
droop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com