Electronic Components Datasheet Search
  English  ▼

X  

SD7500 Datasheet(PDF) 1 Page - SDIC Microelectronics

Part # SD7500
Description  14*4 LCD Auto-range 6 Channel Multimeter SoC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SDIC [SDIC Microelectronics]
Direct Link  https://sdicmicro.cn
Logo SDIC - SDIC Microelectronics

SD7500 Datasheet(HTML) 1 Page - SDIC Microelectronics

  SD7500 Datasheet HTML 1Page - SDIC Microelectronics SD7500 Datasheet HTML 2Page - SDIC Microelectronics SD7500 Datasheet HTML 3Page - SDIC Microelectronics SD7500 Datasheet HTML 4Page - SDIC Microelectronics SD7500 Datasheet HTML 5Page - SDIC Microelectronics SD7500 Datasheet HTML 6Page - SDIC Microelectronics SD7500 Datasheet HTML 7Page - SDIC Microelectronics SD7500 Datasheet HTML 8Page - SDIC Microelectronics SD7500 Datasheet HTML 9Page - SDIC Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SD7500
14*4 LCD Auto-range
6 Channel Multimeter SoC
SDIC Microelectronics
Rev. 0.1
Apr 2018
http://www.SDICmicro.com
Features
6
channels
ADC,
4000
counts,
auto-range
measurement
AC true RMS output, measurement error<0.5% at
2kHz passband corner
Built-in voltage divider, no external resistor divider
needed
Programmable
multi-functional
measurement
network,support voltage, current, resistor, diode,
transistor, open/short, temperature, and capacitor
measurements
Multi-functional comparator
8 bits RISC ultra-low power MCU, 49 instructions
and 6 stack levels. The MCU current consumption is
400uA typically at 3.3V and 2MHz operating clock
rate. Standby current is 1.5uA at 32kHz clock, and
less than 1uA at sleep
16k Bytes OTP for program storage, 256 Bytes
SRAM for data storage
Low
OTP programming
voltage,
can
replace
external EEPROM
Flexible battery voltage detection range 2.0V~ 3.3V
Abundant peripheral resources: UART, PWM, PFD,
BUZ, and TIMER
14SEG × 4COM LCD drive, ultra-low power
consumption
and
high
driving
capability,
programmable boost module to maintain luminance
at low supply voltage, support grey scale adjustment.
Support grey scale adjustment
Every digital I/O port contain Schmitt trigger input
and selectable pull up resistor
Low voltage detection and power on reset circuit
Operating voltage range: 2.4V~ 3.6V
Operating temperature range: -40
˚C~85 ˚C
Built-in 8MHz and 32kHz RC oscillators
Description
The SD7500 is a SoC with built-in 24 bit ADC
and 16k Bytes OTP memory. The IC was designed
with ultra-low power technology. Operates at 3.3V
supply and internal RC oscillator frequency, the total
typical operating current is 1.6mA.
It has very rich peripheral resources: selectable
regulated voltage source, flexible ADC setup, voltage
booster, UART, TIMER with CAPTURE capability,
PWM, PFD, and LCD driver.
The OTP can be programmed in situ and the
2.4V~3.6V
programming
voltage
is
generated
internally. The OTP can be used in place of external
EEPROM.
Three working modes are provided so users can
select the optimum choice between speed and power.
They are normal mode, standby mode, and sleep mode.
Applications
Manual or auto-range multimeter and similar
measurement applications
Ordering Information
LQFP44 package


Similar Part No. - SD7500

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
SD750 EXTECH-SD750 Datasheet
414Kb / 1P
3-Channel Pressure Datalogger
More results

Similar Description - SD7500

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7139 INTERSIL-ICL7139 Datasheet
111Kb / 13P
33/4 Digit, Autoranging Multimeter
August 1997
logo
Extech Instruments Corp...
MN25 EXTECH-MN25 Datasheet
289Kb / 15P
MultiMeter
MN36 EXTECH-MN36 Datasheet
95Kb / 2P
Auto-Ranging Mini MultiMeter
logo
Intersil Corporation
ISL98604 INTERSIL-ISL98604 Datasheet
622Kb / 28P
6-Channel Integrated LCD Supply
logo
Maxim Integrated Produc...
MAX11044 MAXIM-MAX11044_13 Datasheet
3Mb / 28P
4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
logo
AverLogic Technologies ...
AL330B-DMB-A0 AVERLOGIC-AL330B-DMB-A0 Datasheet
923Kb / 14P
Digital LCD Display SOC Demo Board
AL330B-EVB-A0 AVERLOGIC-AL330B-EVB-A0 Datasheet
1Mb / 17P
Digital LCD Display SOC Evaluation Board
logo
Renesas Technology Corp
ISL98604 RENESAS-ISL98604 Datasheet
1Mb / 28P
6-Channel Integrated LCD Supply
logo
List of Unclassifed Man...
MM400 ETC-MM400 Datasheet
63Kb / 1P
Digital Multimeter, Auto-Ranging, 600V
logo
Advanced Linear Devices
SABMB6 ALD-SABMB6 Datasheet
455Kb / 4P
6-CHANNEL SUPERCAPACITOR AUTO BALANCING PCB
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com