Electronic Components Datasheet Search
  English  ▼

X  

SD7500 Datasheet(PDF) 4 Page - SDIC Microelectronics

Part # SD7500
Description  14*4 LCD Auto-range 6 Channel Multimeter SoC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SDIC [SDIC Microelectronics]
Direct Link  https://sdicmicro.cn
Logo SDIC - SDIC Microelectronics

SD7500 Datasheet(HTML) 4 Page - SDIC Microelectronics

  SD7500 Datasheet HTML 1Page - SDIC Microelectronics SD7500 Datasheet HTML 2Page - SDIC Microelectronics SD7500 Datasheet HTML 3Page - SDIC Microelectronics SD7500 Datasheet HTML 4Page - SDIC Microelectronics SD7500 Datasheet HTML 5Page - SDIC Microelectronics SD7500 Datasheet HTML 6Page - SDIC Microelectronics SD7500 Datasheet HTML 7Page - SDIC Microelectronics SD7500 Datasheet HTML 8Page - SDIC Microelectronics SD7500 Datasheet HTML 9Page - SDIC Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SD7500
SDIC Microelectronics
Rev. 0.1
Apr 2018
http://www.SDICmicro.com
4 of 9
Functional Block
RC OSC
(32kHz)
RC OSC
(8MHz)
POR/LVD
Power management
Timing control generator
LCD
Driver
PWM/
PFD
BUZZER
IO control
Timer/Counter
T0/T2/TA/TB
Battery
detect
Reference
voltage
External
interrupts
OTP
16K Bytes
VPP
VLCD
COM3-0
SEG13-0
LBTIN0-2
ACM
A0-5
INT1-0
VSS
VDD
PWM
PFD
WDT
8Bits
RISC MCU
Special
registers
SRAM
256 Bytes
Sigma
Delta
ADC
M
U
X
IA
CMPH
RST_B
COM
CMPL
Figure 2. Functional block diagram



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com